Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7905P Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # LM7905P
Description  3-Terminal 1.0A Negative voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7905P Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button LM7905P Datasheet HTML 3Page - First Silicon Co., Ltd LM7905P Datasheet HTML 4Page - First Silicon Co., Ltd LM7905P Datasheet HTML 5Page - First Silicon Co., Ltd LM7905P Datasheet HTML 6Page - First Silicon Co., Ltd LM7905P Datasheet HTML 7Page - First Silicon Co., Ltd LM7905P Datasheet HTML 8Page - First Silicon Co., Ltd LM7905P Datasheet HTML 9Page - First Silicon Co., Ltd LM7905P Datasheet HTML 10Page - First Silicon Co., Ltd LM7905P Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2011. 3. 02
9/11
LM7905P ~ LM7924P
Revision No : 0
LM7918P Electrical characteristics
(TJ = 0 to 125
°C, VIN=-27V, IO=500 mA, CI=2.2 µF, CO=1.0 µF, unless otherwise noted)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Output voltage
VO
TJ=25°C
-17.3
-18
-18.7
V
5mA ≤ IO ≤ 1.0A, PD≤15W
-21V
≥ VIN ≥ -33V
-17.1
-18
-18.9
Line regulation (TJ=25°C)
(Note 1)
Regline
-21V
≥ VIN ≥ -33V
-24V
≥ VIN ≥ -30V
360
mV
180
Load regulation (TJ=25°C)
(Note 1)
Regload
5.0 mA ≤ IO ≤ 1.5A
250 mA ≤ IO ≤ 750 mA
360
mV
180
Quiescent current
IQ
TJ=25°C
6
mA
Quiescent current change
Δ IQ
5.0 mA ≤ IO ≤ 1.0 A
-21V
≥ VIN ≥ -33V
0.5
mA
1.0
Output Voltage Drift
ΔVO/ΔT IO = 5 mA
-1.0
mV/
°C
Output noise voltage
VN
10 Hz ≤ f ≤ 100 KHz, TA=25°
300
µV/VO
Ripple rejection
RR
-22V
≥ VIN ≥ -32V, f=120 Hz
54
60
dB
Dropout voltage
VDROP
IO = 1.0A, TJ=25°C
1.3
V
Short circuit current limit
ISC
VIN = -35V, TA=25°C
500
mA
Peak output current
IPK
TJ=25°C
2.2
A
Note 1 Line and Load regulation are specified at constant junction temperature. Changes of VO due to heating
effects must be taken into account separately. Pulse testing with low duty circle is used.


Similar Part No. - LM7905P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7905 NSC-LM7905 Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
LM7905 NSC-LM7905 Datasheet
167Kb / 10P
   LM79XX Series 3-Terminal Negative Regulators
logo
Unisonic Technologies
LM7905 UTC-LM7905 Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
List of Unclassifed Man...
LM7905 ETC-LM7905 Datasheet
50Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM7905P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XX GTM-GJ79XX Datasheet
159Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L005 TOSHIBA-TA79L005 Datasheet
498Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79L05F TOSHIBA-TA79L05F Datasheet
509Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com