Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD122 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD122
Description  NPN Silicon Darlington Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD122 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD122 Datasheet HTML 1Page - First Silicon Co., Ltd MJD122 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 10. 14
2/2
Revision No : 0
MJD122
Typical Characteristics
0
1
1
1
.
0
10
100
1000
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
0
1
2
3
4
5
0
1
2
3
4
5
1
1
.
0
100
1000
10000
100000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
1
1
.
0
1.0
1.2
1.4
1.6
1.8
2.0
1
1
.
0
0.4
0.8
1.2
1.6
2.0
1
1
.
0
0.4
0.8
1.2
1.6
2.0
f=1MHz
I
E=0/IC=0
T
a=25
20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=4V
T
a=100
T
a=25
BASE-EMMITER VOLTAGE V
BE (V)
0 52mA
0.48mA
0.44mA
0.4mA
0.36mA
0.32mA
0 28mA
0.24mA
0.2mA
I
B=0.16mA
Static Characteristic
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE=4V
8
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(A)
P
c
—— T
a
AMB ENT TEMPERATURE T
a
( )
8
V
BE
8
β=100
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(A)
h
FE ——
β=100
I
C
V
CEsat
——
8
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(A)
I
C
——
I
C
V
CEsat
——
T
a=25
T
a=100
β=250
8
COLLECTOR CURRENT I
C
(A)


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
Inchange Semiconductor ...
MJD122 ISC-MJD122 Datasheet
246Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
   Complementary Darlington Power Transistors
1995 REV 1
logo
Jiangsu Changjiang Elec...
MJD122 JIANGSU-MJD122 Datasheet
1Mb / 3P
   TRANSISTOR(NPN)
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
   Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
GTM CORPORATION
GMPSA14 GTM-GMPSA14 Datasheet
153Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com