Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7006-1EPP Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTS7006-1EPP
Description  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPP Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTS7006-1EPP Datasheet HTML 8Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 9Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 10Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 11Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 12Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 13Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 14Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 15Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Data Sheet
12
Rev. 1.04
2019-10-15
BTS7006-1EPP
PROFET™+2 12V
General Product Characteristics
4.4.2
Thermal Impedance
Figure 9
Typical Thermal Impedance. PCB setup according Chapter 4.4.1
Figure 10 Thermal Resistance on 1s0p PCB with various cooling surfaces
0,1
1
10
100
0,0001
0,001
0,01
0,1
1
10
100
1000
Time (s)
BTS7006-1EPx
2s2p
1s0p - 600 mm²
1s0p - 300 mm²
1s0p - footprint
30
40
50
60
70
80
90
100
110
120
0
100
200
300
400
500
600
Cooling area (mm²)
BTS7006-1EPx
1s0p - Ta = 105°C


Similar Part No. - BTS7006-1EPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
More results

Similar Description - BTS7006-1EPP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com