Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBP-101 Datasheet(PDF) 8 Page - Mini-Circuits

Part # BBP-101
Description  Bandpass Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BBP-101 Datasheet(HTML) 8 Page - Mini-Circuits

  BBP-101 Datasheet HTML 1Page - Mini-Circuits BBP-101 Datasheet HTML 2Page - Mini-Circuits BBP-101 Datasheet HTML 3Page - Mini-Circuits BBP-101 Datasheet HTML 4Page - Mini-Circuits BBP-101 Datasheet HTML 5Page - Mini-Circuits BBP-101 Datasheet HTML 6Page - Mini-Circuits BBP-101 Datasheet HTML 7Page - Mini-Circuits BBP-101 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV105
Operating Temperature
-40° to 85° C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
This document and its contents are the property of Mini-Circuits.
Rev:
ENV105
OR
12/26/18
File:
M171439
ENV105.pdf
Page: 1


Similar Part No. - BBP-101

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BBP-10.7 MINI-BBP-10.7 Datasheet
204Kb / 1P
   Bandpass Filter
BBP-10.7++ MINI-BBP-10.7+ Datasheet
204Kb / 1P
   Bandpass Filter
More results

Similar Description - BBP-101

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com