Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ11021 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ11021
Description  DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ11021 Datasheet HTML 1Page - ON Semiconductor MJ11021 Datasheet HTML 2Page - ON Semiconductor MJ11021 Datasheet HTML 3Page - ON Semiconductor MJ11021 Datasheet HTML 4Page - ON Semiconductor MJ11021 Datasheet HTML 5Page - ON Semiconductor MJ11021 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Darlington
Silicon Power Transistors
. . . designed for use as general purpose amplifiers, low frequency switching and
motor control applications.
• High dc Current Gain @ 10 Adc — hFE = 400 Min (All Types)
• Collector–Emitter Sustaining Voltage
VCEO(sus) = 150 Vdc (Min) – MJ11018, 17
VCEO(sus) = 250 Vdc (Min) – MJ11022, 21
• Low Collector–Emitter Saturation
VCE(sat) = 1.0 V (Typ) @ IC = 5.0 A
VCE(sat) = 1.8 V (Typ) @ IC = 10 A
• Monolithic Construction
• 100% SOA Tested @ VCE = 44 V, IC = 4.0 A, t = 250 ms.
MAXIMUM RATINGS
Rating
Symbol
MJ11018
MJ11017
MJ11022
MJ11021
Unit
Collector–Emitter Voltage
VCEO
150
250
Vdc
Collector–Base Voltage
VCB
150
250
Vdc
Emitter–Base Voltage
VEB
50
Vdc
Collector Current —
Continuous Peak
IC
15
30
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TC = 25_C
Derate Above 25
_C
PD
175
1.16
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 175
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.86
_C/W
(1) Pulse Test: Pulse Width 5.0 ms, Duty Cycle
v 10%.
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
50
75
100
125
200
200
50
100
0
150
175
25
0
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ11017/D
© Motorola, Inc. 1995
MJ11017
MJ11021
MJ11018
MJ11022
30 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
60 – 120 VOLTS
200 WATTS
*Motorola Preferred Device
*
PNP
NPN
*
CASE 1–07
TO–204AA
(TO–3)


Similar Part No. - MJ11021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11021 MOSPEC-MJ11021 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11021 MOTOROLA-MJ11021 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11021 ONSEMI-MJ11021 Datasheet
78Kb / 5P
   Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
MJ11021 ONSEMI-MJ11021 Datasheet
132Kb / 5P
   Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
MJ11021G ONSEMI-MJ11021G Datasheet
78Kb / 5P
   Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
More results

Similar Description - MJ11021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com