Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIL21J100MBE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CIL21J100MBE
Description  It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CIL21J100MBE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CIL21J100MBE Datasheet HTML 1Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 2Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 3Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 4Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 5Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 6Page - List of Unclassifed Manufacturers CIL21J100MBE Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
20
CHIP INDUCTOR
100000
10000
1000
100
10
10
100
1000
1
FREQUENCY(MHZ)
DC BIAS(mA)
100
60
80
40
20
1
10
100
1000
0.1
FREQUENCY(MHZ)
10
μ
H
1.0
μ
H
0.1
μ
H
10
μ
H
1.0
μ
H
0.1
μ
H
100
10
1
0.1
10
100
1000
1
10
μ
H
1
μ
H
0.1
μ
H
TEMPERATURE(
℃)
16
-16
12
8
4
-12
-25
0
25
50
75
-8
-4
0.1
μ
H
10
μ
H
1.0
μ
H
1.0
μ
H
10
μ
H
0.1
μ
H
TEMPERATURE(
℃)
16
-16
12
8
4
-12
-25
0
25
50
75
-8
-4
0.82
μ
H
8.2
μ
H
4.7
μ
H
15
μ
H
DC BIAS(mA)
100
10
1
0.1
10
100
1000
1
15
μ
H
8.2
μ
H
4.7
μ
H
0.82
μ
H
3216 TYPE
IMPEDANCE CHARACTERISTICS
Q CHARACTERISTICS
DC BIAS CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
DC BIAS CHARACTERISTICS


Similar Part No. - CIL21J100MBE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
More results

Similar Description - CIL21J100MBE

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
SHANGHAI BELLING CO., L...
BL7430EC BELLING-BL7430EC Datasheet
137Kb / 4P
   It has 104bits EEPROM with logical encryption and function
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
KEC(Korea Electronics)
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L Datasheet
882Kb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVX12120 CSB-BATTERY-EVX12120_16 Datasheet
812Kb / 2P
   It has high cycling life, high and long service life.l
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com