Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-5C45M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK14C88-5C45M
Description  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-5C45M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK14C88-5C45M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-5C45M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 1999
5-43
STK14C88-M
32K x 8
AutoStore™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
MIL-STD-883
FEATURES
• Nonvolatile Storage without Battery Problems
• 35ns and 45ns Access Times
• “Hands-off” Automatic
STORE with External
68
µF Capacitor on Power Down
STORE to EEPROM Initiated by Hardware,
Software or
AutoStore™ on Power Down
RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and
RECALL Cycles
• 100,000
STORE Cycles to EEPROM
• 10-Year Data Retention in EEPROM
• Single 5V + 10% Operation
• Not Sensitive to Power On/Off Ramp Rates
• No Data Loss from Undershoot
• 32-Pad LCC and 32-Pin 300 mil CDIP Packages
DESCRIPTION
The Simtek STK14C88-M is a fast static RAM with a
nonvolatile, electrically erasable PROM element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of
times, while independent nonvolatile data resides in
EEPROM
. Data transfers from the SRAM to the
EEPROM
(the STORE operation) can take place auto-
matically on power down. A 68
µF or larger capacitor
tied from V
CAP
to ground guarantees the STORE
operation, regardless of power-down slew rate or
loss of power from “hot swapping”. Transfers from
the EEPROM to the SRAM (the RECALL operation)
take place automatically on restoration of power. Ini-
tiation of STORE and RECALL cycles can also be
software
controlled
by
entering
specific
read
sequences. A hardware STORE may be initiated with
the HSB pin.
BLOCK DIAGRAM
A0 A1 A2 A3 A4 A10
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
512 x 512
EEPROM ARRAY
512 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
G
E
W
HSB
VCCX
VCAP
A0 - A13
PIN CONFIGURATIONS
PIN NAMES
A0 - A14
Address Inputs
DQ0 -DQ7
Data In/Out
E
Chip Enable
W
Write Enable
G
Output Enable
HSB
Hardware Store Busy (I/O)
VCCX
Power (+ 5V)
VCAP
Capacitor
VSS
Ground
9
7
8
10
11
LCC
32
7
DQ
E
31
8
3
A
A
27
A
29
1
A
A
23
5
20
25
8
A
7
26
4
A
12
5
6
13
32
2
NC
10
9
13
16
A
A
A
15
9
4
A
14
11
28
21
10
2
0
19
11
3
6
1
30
A
G
24
22
17
NC
18
DQ
0
15
A
4
W
DQ
DQ
A
2
13
NC
1
3
8
17
G
7
26
DQ
16
9
5
1
HSB
A
18
22
12
A
23
4
A
27
V
5
SS
DQ
0
7
A
1
0
CAP
3
28
13
6
14
DQ
6
10
5
24
20
DQ
A
V
A
29
CCX
DQ
A
A
19
6
A
12
A
A
V
DQ
31
25
2
2
E
30
A
NC
4
32
14
11
3
A
21


Similar Part No. - STK14C88-5C45M

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-5C45M SIMTEK-STK14C88-5C45M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5C45M CYPRESS-STK14C88-5C45M Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5C45M CYPRESS-STK14C88-5C45M Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
More results

Similar Description - STK14C88-5C45M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com