Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497BBK32S Datasheet(PDF) 6 Page - Texas Instruments

Part # TM497BBK32S
Description  4194304 BY 32-BIT DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM497BBK32S Datasheet(HTML) 6 Page - Texas Instruments

  TM497BBK32S Datasheet HTML 1Page - Texas Instruments TM497BBK32S Datasheet HTML 2Page - Texas Instruments TM497BBK32S Datasheet HTML 3Page - Texas Instruments TM497BBK32S Datasheet HTML 4Page - Texas Instruments TM497BBK32S Datasheet HTML 5Page - Texas Instruments TM497BBK32S Datasheet HTML 6Page - Texas Instruments TM497BBK32S Datasheet HTML 7Page - Texas Instruments TM497BBK32S Datasheet HTML 8Page - Texas Instruments TM497BBK32S Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TM497BBK32, TM497BBK32S
4194304 BY 32-BIT
DYNAMIC RAM MODULE
SMMS433B – JANUARY 1993 – REVISED JUNE 1995
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 5)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
40
pF
Ci(R)
Input capacitance, RAS inputs
28
pF
Ci(C)
Input capacitance, CAS inputs
14
pF
Ci(W)
Input capacitance, write-enable input
56
pF
Co(DQ) Output capacitance on DQ pins
7
pF
NOTE 5: VCC = 5 V ± 0.5 V, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’497BBK32-60
’497BBK32-70
’497BBK32-80
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tCLZ
CAS to output in low-impedance state
0
0
0
ns
tOH
Output disable time from start of CAS high
3
3
3
ns
tOFF
Output disable time after CAS high (see Note 6)
0
15
0
18
0
20
ns
NOTE 6: tOFF is specified when the output is no longer driven.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’497BBK32-60
’497BBK32-70
’497BBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tPC
Cycle time, page-mode read or write (see Notes 7 and 8)
40
45
50
ns
tRASP
Pulse duration, page-mode, RAS low
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, non-page-mode, RAS low
60
10 000
70
10 000
80
10 000
ns
tCAS
Pulse duration, CAS low
15
10 000
18
10 000
20
10 000
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, W low
10
10
10
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data before CAS low
0
0
0
ns
tRCS
Setup time, W high before CAS low
0
0
0
ns
tCWL
Setup time, W-low before CAS high
15
18
20
ns
tRWL
Setup time, W-low before RAS high
15
18
20
ns
tWCS
Setup time, W-low before CAS low
0
0
0
ns
tWRP
Setup time, W-high before RAS low (CBR refresh only)
10
10
10
ns
NOTES:
7. All cycles assume tT = 5 ns.
8. To assure tPC min, tASC should be ≥ tCP.


Similar Part No. - TM497BBK32S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H-60 TI1-TM497BBK32H-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32I TI1-TM497BBK32I Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32I-60 TI1-TM497BBK32I-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM497BBK32S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM497EU9 TI-TM497EU9 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
TM497GU8 TI1-TM497GU8 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
TM497MBK36H TI1-TM497MBK36H Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI1-TM124BBK32F_09 Datasheet
157Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com