Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497BBK32S-60 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM497BBK32S-60
Description  4194304 BY 32-BIT DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM497BBK32S-60 Datasheet(HTML) 1 Page - Texas Instruments

  TM497BBK32S-60 Datasheet HTML 1Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 2Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 3Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 4Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 5Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 6Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 7Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 8Page - Texas Instruments TM497BBK32S-60 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TM497BBK32, TM497BBK32S
4194304 BY 32-BIT
DYNAMIC RAM MODULE
SMMS433B – JANUARY 1993 – REVISED JUNE 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization...4194304 × 32
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin Single-In-Line Memory Module
(SIMM) for Use With Sockets
D Utilizes Eight 16-Megabit DRAMs in Plastic
Small-Outline J-Lead (SOJ) Packages
D Long Refresh Period
32 ms (2048 Cycles)
D All Inputs, Outputs, Clocks Fully TTL
Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines in Four Blocks
D Enhanced Page Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
D Presence Detect
D Performance Ranges:
ACCESS ACCESS ACCESS READ OR
TIME
TIME
TIME
WRITE
tRAC
tAA
tCAC
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’497BBK32-60
60 ns
30 ns
15 ns
110 ns
’497BBK32-70
70 ns
35 ns
18 ns
130 ns
’497BBK32-80
80 ns
40 ns
20 ns
150 ns
D Low Power Dissipation
D Operating Free-Air-Temperature Range
0
°C to 70°C
D Gold-Tabbed Version Available:
TM497BBK32
D Tin-Lead (Solder) Tabbed Version
Available: TM497BBK32S
description
The TM497BBK32 is a 16M-byte dynamic random-access memory (DRAM) organized as four times 4 194 304
× 8 in a 72-pin leadless single-in-line memory module (SIMM). The SIMM is composed of eight TMS417400DJ,
4 194 304
× 4-bit DRAMs, each in 24/26-lead plastic small-outline J-lead (SOJ) packages mounted on a
substrate with decoupling capacitors. The TMS417400DJ is described in the TMS417400 data sheet.
The TM497BBK32 SIMM is available in the single-sided BK leadless module for use with sockets. The
TM497BBK32 SIMM features RAS access times of 60 ns, 70 ns, and 80 ns. This device is characterized for
operation from 0
°C to 70°C.
operation
The TM497BBK32 operates as eight TMS417400DJs connected as shown in the functional block diagram and
Table 1. The common I/O feature dictates the use of early write cycles to prevent contention on D and Q.
refresh
The refresh period is extended to 32 ms and, during this period, each of the 2048 rows must be strobed with
RAS in order to retain data. CAS can remain high during the refresh sequence to conserve power.
power up
To achieve proper operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles is
required after full VCC level is achieved. These eight initialization cycles need to include at least one refresh
(RAS-only or CBR ) cycle.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
Copyright
© 1995, Texas Instruments Incorporated


Similar Part No. - TM497BBK32S-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H-60 TI1-TM497BBK32H-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32I TI1-TM497BBK32I Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32I-60 TI1-TM497BBK32I-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM497BBK32S-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM497EU9 TI-TM497EU9 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
TM497GU8 TI1-TM497GU8 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
TM497MBK36H TI1-TM497MBK36H Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI1-TM124BBK32F_09 Datasheet
157Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com