Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4264G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4264G
Description  150mA Ultra Low Drop Out Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4264G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4264G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4264G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS4264G Preliminary
3-3
2004/01 rev. A
Typical Application Circuit
Application Information
Dimensioning Information on External Components
The input capacitor Cin is necessary for compensating line influences. Using a resistor of approx. 1Ω in series with
Cin, the oscillating of input inductivity and input capacitance can be clamped. The output capacitor Cout is necessary
for the stability of the regulating circuit. Stability is guaranteed at values Cout ≥10uF and an ESR ≤ 4Ω within the
operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by resistance adjustment, to a voltage
that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation control,
working as a function of load current, prevents any over-saturation of the power element. The IC is additionally
protected against overload, over temperature and reverse polarity


Similar Part No. - TS4264G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264G TSC-TS4264G Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50RP TSC-TS4264GCW50RP Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50RPG TSC-TS4264GCW50RPG Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
More results

Similar Description - TS4264G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4266G TSC-TS4266G Datasheet
117Kb / 4P
   150mA Ultra Low Drop Out Voltage Regulator with Inhibit
logo
First Components Intern...
LP2950 FCI-LP2950_1 Datasheet
384Kb / 8P
   150mA Low Drop Out Voltage Regulators
logo
ams AG
AS1367 AMSCO-AS1367 Datasheet
1Mb / 14P
   150mA, Adaptive Low Drop-Out Linear Regulator
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com