Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5205 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS5205
Description  150mA Low Noise LDO Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5205 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS5205 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5205 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TS5205 series
6-6
2004/09 rev. A
SOT-25 Mechanical Drawing
SOT-25 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.70
3.00
0.106
0.118
B
0.25
0.50
0.010
0.020
C
1.90(typ)
0.075(typ)
D
0.95(typ)
0.037(typ)
E
1.50
1.70
0.059
0.067
F
1.05
1.35
0.041
0.053
H
2.60
3.00
0.102
0.118
L
0.60(typ)
0.024(typ)


Similar Part No. - TS5205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5 TSC-TS5205CX5 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX5 TSC-TS5205CX5 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RF TSC-TS5205CX5RF Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX5RFG TSC-TS5205CX5RFG Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com