Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS9001 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. TS9001
Description  300mA CMOS Low Dropout Voltage Regulator with Enable
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

TS9001 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
TS9001 series
2-5
2003/12 rev. A
Absolute Maximum Rating
Input Supply Voltage
Vin
+7
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Output Current
Io
Pd / (Vin – Vout)
Power Dissipation
PD
380
mW
Thermal Resistance
Өja
260
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Caution
: Stress above the listed absolute rating may cause permanent damage to the device
.
Electrical Characteristics
Ta = 25
oC, Io=1mA, Cout=2.2uF, Vce2V, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 1V
0.985|Vo|
1.015|Vo|
V
Output Voltage Temperature
Coefficient
--
50
--
ppm/
oC
Maximum Output Current
Vin=Vo+1V,
300
--
--
mA
Line Regulation
Vo+1V
≤ Vin ≤ 7V
--
--
0.3
%/V
Vin=Vo+1V,
1mA
≤IL≤300mA
Vout
2.5V
--
0.2
1.0
Load Regulation
Vin=Vo+1V,
1mA
≤IL≤200mA
Vout<2.5V
--
0.2
1.0
%/V
Io=300mA,
Vout=Vo - 2%
Vout
2.5V
--
300
--
Dropout Voltage
Io=200mA,
Vout=Vo - 2%
Vout<2.5V
--
800
1000
mV
Quiescent Current
Vin
≤0.4V (shutdown)
--
2
3
uA
Ground Pin Current
Io=1mA to 300mA
--
30
50
uA
Output Current Limit
Vout=0V
--
450
--
mA
Power Supply Rejection Ratio
At f=1kHz, Io=100mA,
--
60
--
dB
Power Supply Rejection Ratio
At f=1kHz, Io=100mA,
Cbypass=0.01uF
--
75
--
dB
Output Noise
Io=10mA, f=10Hz to 100kHz,
10pF from bypass to Ground
--
30
--
uVrms
Enable Input
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤0.4V
--
0.01
1
Enable Input Current
VIL≥2.0V
--
1
5
uA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn