Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7918CZ Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS7918CZ
Description  3-Terminal Fixed Negative Output Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7918CZ Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS7918CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7918CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS7900 series
3-7
2003/12 rev. A
TS7908 Electrical Characteristics
(Vin=-14V, Iout=500mA, 0
oC ≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
-7.69
-8
-8.32
Output Voltage
Vout
-10.5V
≤Vin≤-23V,
10mA
≤Iout≤1A, PD≤15W
-7.61
-8
-8.40
V
-10.5V
≤Vin≤-25V
--
6
160
Line Regulation
REGline
Tj=25
oC
-11V
≤Vin≤-17V
--
2
80
10mA
≤Iout≤1A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-10.5V
≤Vin≤-25V
--
--
1
Quiescent Current Change
∆lq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -11V
≤Vin≤-21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
∆Vout/∆Tj
Iout=10mA, 0
oC ≤Tj≤125 oC
--
-1
--
mV/
oC
TS7909 Electrical Characteristics
(Vin=-15V, Iout=500mA, 0
oC ≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
-8.65
-9
-9.36
Output Voltage
Vout
-11.5V
≤Vin≤-23V,
10mA
≤Iout≤1A, PD≤15W
-8.57
-9
-9.45
V
-11.5V
≤Vin≤-26V
--
6
180
Line Regulation
REGline
Tj=25
oC
-12V
≤Vin≤-17V
--
2
90
10mA
≤Iout≤1A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-11.5V
≤Vin≤-26V
--
--
1
Quiescent Current Change
∆lq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
58
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -12V
≤Vin≤-22V
56
71
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
∆Vout/∆Tj
Iout=10mA, 0
oC ≤Tj≤125 oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS7918CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7918ACM TSC-TS7918ACM Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7918ACZ TSC-TS7918ACZ Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
More results

Similar Description - TS7918CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_13 Datasheet
252Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_07 Datasheet
502Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
   3-Terminal Fixed Negative Voltage Regulator
logo
List of Unclassifed Man...
OM7642SM ETC2-OM7642SM Datasheet
32Kb / 4P
   SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
Mitsubishi Electric Sem...
M5279LXX MITSUBISHI-M5279LXX Datasheet
144Kb / 4P
   FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5279LXX RENESAS-M5279LXX Datasheet
1Mb / 5P
   FIXED NEGATIVE OUTPUT 3-TERMINAL REGULATOR(WITH PROTECTION CIRCUIT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com