Electronic Components Datasheet Search |
|
MC7808BD2TG Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC7808BD2TG Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 32 page MC7800, MC7800A, NCV7805 http://onsemi.com 5 ELECTRICAL CHARACTERISTICS (Vin = 11 V, IO = 500 mA, TJ = Tlow to Thigh (Note 5), unless otherwise noted) MC7806B MC7806C Characteristic Symbol Min Typ Max Min Typ Max Unit Output Voltage (TJ = 25°C) VO 5.75 6.0 6.25 5.75 6.0 6.25 Vdc Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W) VO Vdc 8.0 Vdc ≤ Vin ≤ 21 Vdc − − − 5.7 6.0 6.3 9.0 Vdc ≤ Vin ≤ 21 Vdc 5.7 6.0 6.3 − − − Line Regulation, TJ = 25°C (Note 6) Regline mV 8.0 Vdc ≤ Vin ≤ 25 Vdc − 5.5 120 − 0.5 24 9.0 Vdc ≤ Vin ≤ 13 Vdc − 1.4 60 − 0.8 12 Load Regulation, TJ = 25°C (Note 6) Regload − 1.3 120 − 1.3 30 mV 5.0 mA ≤ IO ≤ 1.5 A Quiescent Current (TJ = 25°C) IB − 3.3 8.0 − 3.3 8.0 mA Quiescent Current Change DIB mA 8.0 Vdc ≤ Vin ≤ 25 Vdc − − − − 0.3 1.3 5.0 mA ≤ IO ≤ 1.0 A − − 0.5 − 0.08 0.5 Ripple Rejection RR − 65 − 58 65 − dB 9.0 Vdc ≤ Vin ≤ 19 Vdc, f = 120 Hz Dropout Voltage (IO = 1.0 A, TJ = 25°C) VI − VO − 2.0 − − 2.0 − Vdc Output Noise Voltage (TA = 25°C) Vn − 10 − − 10 − mV/VO 10 Hz ≤ f ≤ 100 kHz Output Resistance f = 1.0 kHz rO − 0.9 − − 0.9 − m W Short Circuit Current Limit (TA = 25°C) ISC − 0.2 − − 0.2 − A Vin = 35 Vdc Peak Output Current (TJ = 25°C) Imax − 2.2 − − 2.2 − A Average Temperature Coefficient of Output Voltage TCVO − −0.3 − − −0.3 − mV/ °C 5. Tlow =0°C for MC78XXAC, C Thigh = +125°C for MC78XXAC, NCV7805 = −40 °C for MC78XXB, MC78XXAB, NCV7805 6. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MC7808BD2TG |
|
Similar Description - MC7808BD2TG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |