Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9011DCT Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011DCT
Description  250mA CMOS Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011DCT Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS9011DCT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011DCT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011DCT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011DCT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TS9011 series
4-4
2003/12 rev. D
TO-92 Mechanical Drawing
C
D
A
B
H
E
F
G
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


Similar Part No. - TS9011DCT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011DCXRFG TSC-TS9011DCXRFG Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011DCYRMG TSC-TS9011DCYRMG Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9011DCT

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com