Electronic Components Datasheet Search |
|
TS9011DCY Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS9011DCY Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 4 page TS9011 series 2-4 2003/12 rev. D Absolute Maximum Rating Input Supply Voltage Vin(max.) +12 V Input Operating Voltage Vin(opr.) +10 Output Current Io PD / (Vin – Vo) V Power Dissipation SOT-23 SOT-89 TO-92 PD 0.15 0.50 0.65 W Operating Junction Temperature Range Tj -40 ~ +125 oC Storage Temperature Range TSTG -65 ~ +150 oC Lead Soldering Temperature (260 oC) 10 S Caution: Stress above the listed absolute rating may cause permanent damage to the device. Electrical Characteristics Ta = 25 oC unless otherwise specified. Parameter Conditions Min Typ Max Unit TS90115 4.900 5.0 5.100 TS9011S 3.234 3.3 3.366 TS9011K 2.450 2.5 2.550 TS9011D 1.764 1.8 1.836 Output Voltage Vin=Vo + 1V, Io =40mA, TS9011A 1.47 1.5 1.53 V Maximum Output Current Vin=Vo+1V, 250 -- -- mA Input Stability Vo+1V ≤ Vin ≤ Vo+2V, Io=1mA -- 0.2 0.3 % TS90115 Vin=Vo+1V, 1mA ≤I L≤100mA TS9011S -- 40 80 TS9011K TS9011D Load Regulation (Note1) Vin=Vo+1V, 1mA ≤I L≤80mA TS9011A -- 40 90 mV Io=250mA TS90115 -- 400 600 Io=200mA TS9011S -- 400 650 Io=160mA TS9011K -- 400 700 Io=120mA TS9011D -- 400 750 Dropout Voltage (Note 2) Io=100mA TS9011A -- 850 1000 mV Quiescent Current Vin=Vo+1V, Io=0A -- 2 5 uA Output Current Limit Vout < 0.4V -- 400 -- mA Power Supply Rejection Ratio At f=100KHz, Io=10mA, -- 30 -- dB Output Voltage Temperature Coefficient (Note 3) -- 100 -- ppm/ oC Note: 1. Regulation is measured at constant junction temperature, using pulsed ON time. 2. Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is Vout inside target value +/-2%. 3. Guaranteed by design. |
Similar Part No. - TS9011DCY |
|
Similar Description - TS9011DCY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |