Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13003BCTB0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS13003BCTB0
Description  High Voltage NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003BCTB0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13003BCTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003BCTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003BCTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TS13003B
1-3
2005/01 rev. A
TS13003B
High Voltage NPN Transistor
Pin assignment:
1. Emitter
2. Collector
3. Base
BVCEO = 400V
BVCBO = 700V
Ic = 1.5A
VCE (SAT), = 0.8V @ Ic / Ib = 0.5A / 0.1A
Features
High voltage.
High speed switching
Structure
Silicon triple diffused type.
NPN silicon transistor
Ordering Information
Part No.
Packing
Package
TS13003BCT B0
Bulk Pack
TO-92
TS13003BCT A3
Ammo Pack
TO-92
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
DC
1.5
Collector Current
Pulse
IC
3
A
Collector Power Dissipation
PD
0.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 300uS, Duty <= 2%
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 10mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC = 10mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
10
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC / IB = 1.5A / 0.5A
IC / IB = 0.5A / 0.1A
VCE(SAT)1
VCE(SAT)2
--
--
--
--
3
0.8
V
DC Current Gain
VCE = 2V, IC = 0.43A
VCE = 2V, IC = 1.0A
VCE = 5V, IC = 10uA
hFE
23
8
6
--
--
--
40
40
40
Frequency
VCE = 10V, IC = 0.1A
fT
4
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
21
pF
Turn On Time
tON
1.1
uS
Storage Time
tSTG
4
uS
Fall Time
VCC = 125V, IC = 1A,
IB1 = 0.2A, IB2 = - 0.2A,
RL = 125ohm
tf
0.7
uS
Note : pulse test: pulse width <=300uS, duty cycle <=2%


Similar Part No. - TS13003BCTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13003BCTB0 TSC-TS13003BCTB0 Datasheet
400Kb / 5P
   High Voltage NPN Transistor
TS13003BCTB0G TSC-TS13003BCTB0G Datasheet
400Kb / 5P
   High Voltage NPN Transistor
More results

Similar Description - TS13003BCTB0

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com