Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34063ACS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS34063ACS
Description  Dc to Dc Converter Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063ACS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS34063ACS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063ACS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS34063A
4-8
2005/02 rev. A
Typical Application Circuit
Figure 7. Step Up Converter
Test
Conditions
Results
LINE REGULATION
Vin= 8V~16V, Io= 175mA
30mV +/- 0.05%
Load Regulation
Vin= 12V, Io= 75mA to 175mA
10mV +/- 0.017%
Output Ripple
Vin=12V, Io= 175mA
400mVpp
Efficiency
Vin=12V, Io= 175mA
87.7%
Output Ripple with Optional Filter
Vin=12V, Io= 175mA
40mVpp


Similar Part No. - TS34063ACS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
353Kb / 10P
   Dc to Dc Converter Controller
TS34063CD TSC-TS34063CD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063CD TSC-TS34063CD Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
More results

Similar Description - TS34063ACS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com