Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB1424ACW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSB1424ACW
Description  Low Vce(sat) PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1424ACW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSB1424ACW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1424ACW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1424ACW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TSB1424A
3-3
2003/12 rev. B
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
SOT-223 Mechanical Drawing
G
H
E
D
F
C
A
B
J
K
I
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071
H
F
E
B
A
G
C
D
J
I


Similar Part No. - TSB1424ACW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1424 TSC-TSB1424 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1424CXRF TSC-TSB1424CXRF Datasheet
153Kb / 5P
   Low Vcesat PNP Transistor
TSB1424CXRFG TSC-TSB1424CXRFG Datasheet
153Kb / 5P
   Low Vcesat PNP Transistor
TSB1424CY TSC-TSB1424CY Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1424CYRM TSC-TSB1424CYRM Datasheet
153Kb / 5P
   Low Vcesat PNP Transistor
More results

Similar Description - TSB1424ACW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
PBHV9110DH-AU PANJIT-PBHV9110DH-AU Datasheet
404Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB772 TSC-TSB772 Datasheet
49Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
2SB1427W6 PANJIT-2SB1427W6 Datasheet
227Kb / 5P
   PNP Low Vce(sat) Transistor
PBHV9110DA-AU PANJIT-PBHV9110DA-AU Datasheet
413Kb / 6P
   PNP Low Vce(sat) Transistor
August 16,2019-REV.00
BCX53-16-AU PANJIT-BCX53-16-AU Datasheet
375Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1197A PANJIT-2SB1197A Datasheet
239Kb / 5P
   PNP Low Vce(sat) Transistor
May 6,2016-REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com