Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39152CZ533 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS39152CZ533
Description  1.5A Ultra Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39152CZ533 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39152CZ533 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39152CZ533 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS39151/52
4-4
2004/09 rev. A
Pin Assignment
Pin No.
TS39151
TS39152
Pin
Configuration
Pin
Description
1
1
Enable
Enable (input): TTL/COMS compatible input. Logic high is
enable; logic low or open is shutdown
2
2
Input
Unregulated input: +16V maximum supply
3
3
Ground
Ground: Ground pin and TAB/heatsink are internally
connected.
4
4
Output
Regulator output
5
Flag
Error Flag (output): Open-collector output. Active low
indicates an output fault condition.
5
Adjust
Adjustment input: Feedback input. Connect to resistive
voltage-divider network.
Typical Application Circuit
TS39151
TS39152


Similar Part No. - TS39152CZ533

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39152CZ5 TSC-TS39152CZ5 Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39152CZ5C0 TSC-TS39152CZ5C0 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39152CZ533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com