Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV800DT-120EF Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV800DT-120EF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DT-120EF Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV800DT-120EF Datasheet HTML 5Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 6Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 7Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 8Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 9Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 10Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 11Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 12Page - Advanced Micro Devices AM29LV800DT-120EF Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
January 21, 2005 Am29LV800D_00_A4_E
Am29LV800D
7
P R E L I M I NARY
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory
products in FBGA packages.
Flash memory devices in FBGA packages may
be damaged if exposed to ultrasonic cleaning
methods. The package and/or data integrity
may be compromised if the package body is
exposed to temperatures above 150°C for pro-
longed periods of time.
Pin Configuration
A0–A18
= 19 addresses
DQ0–DQ14= 15 data inputs/outputs
DQ15/A-1 = DQ15 (data input/output, word
mode),
A-1 (LSB address input, byte
mode)
BYTE#
= Selects 8-bit or 16-bit mode
CE#
= Chip enable
OE#
= Output enable
WE#
= Write enable
RESET#
= Hardware reset pin, active low
RY/BY#
= Ready/Busy# output
VCC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed
options and voltage supply
tolerances)
VSS
= Device ground
NC
= Pin not connected internally
Logic Symbol
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE#
OE#
WE#
RESET
BYTE#
RY/BY#


Similar Part No. - AM29LV800DT-120EF

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800DT120EC SPANSION-AM29LV800DT120EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DT120ED SPANSION-AM29LV800DT120ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DT120EF SPANSION-AM29LV800DT120EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DT120EI SPANSION-AM29LV800DT120EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DT120SC SPANSION-AM29LV800DT120SC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV800DT-120EF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com