Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX08A-2TQ208B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A54SX08A-2TQ208B
Description  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX08A-2TQ208B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A54SX08A-2TQ208B Datasheet HTML 1Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 2Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX08A-2TQ208B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
February 2005
i
© 2005 Actel Corporation
See the Actel website for the latest version of the datasheet.
SX-A Family FPGAs
Leading-Edge Performance
250 MHz System Performance
350 MHz Internal Performance
Specifications
12,000 to 108,000 Available System Gates
Up to 360 User-Programmable I/O Pins
Up to 2,012 Dedicated Flip-Flops
0.22
µ / 0.25 µ CMOS Process Technology
Features
Hot-Swap Compliant I/Os
Power-Up/Down Friendly (No Sequencing Required
for Supply Voltages)
66 MHz PCI Compliant
Nonvolatile, Single-Chip Solution
Configurable I/O Support for 3.3 V / 5 V PCI, 5 V
TTL, 3.3 V LVTTL, 2.5 V LVCMOS2
2.5 V, 3.3 V, and 5 V Mixed-Voltage Operation with
5 V Input Tolerance and 5 V Drive Strength
Devices Support Multiple Temperature Grades
Configurable Weak-Resistor Pull-Up or Pull-Down
for I/O at Power-Up
Individual Output Slew Rate Control
Up to 100% Resource Utilization and 100% Pin
Locking
Deterministic, User-Controllable Timing
Unique In-System Diagnostic and Verification
Capability with Silicon Explorer II
Boundary-Scan Testing in Compliance with IEEE
Standard 1149.1 (JTAG)
Actel
Secure
Programming
Technology
with
FuseLock™ Prevents Reverse Engineering and
Design Theft
Table 1 • SX-A Product Profile
Device
A54SX08A
A54SX16A
A54SX32A
A54SX72A
Capacity
Typical Gates
System Gates
8,000
12,000
16,000
24,000
32,000
48,000
72,000
108,000
Logic Modules
Combinatorial Cells
Dedicated Flip-Flops
Maximum Flip-Flops
768
512
256
512*
1,452
924
528
990
2,880
1,800
1,080
1,980
6,036
4,024
2,012
4,024
Maximum User I/Os
130
180
249
360
Global Clocks
3
3
3
3
Quadrant Clocks
0
0
0
4
Boundary Scan Testing
Yes
Yes
Yes
Yes
3.3 V / 5 V PCI
Yes
Yes
Yes
Yes
Input Set-Up (External)
0 ns
0 ns
0 ns
0 ns
Speed Grades
–F, Std, –1, –2
–F, Std, –1, –2, –3
–F, Std, –1, –2, –3
–F, Std, –1, –2, –3
Temperature Grades
C, I, A, M
C, I, A, M
C, I, A, M
C, I, A, M
Package (by pin count)
PQFP
TQFP
PBGA
FBGA
CQFP
208
100, 144
144
208
100, 144
144, 256
208
100, 144, 176
329
144, 256, 484
208, 256
208
256, 484
208, 256
Note: *A maximum of 512 registers is possible if all 512 C cells are used to build an additional 256 registers
v5.1


Similar Part No. - A54SX08A-2TQ208B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-2BG208A ACTEL-A54SX08A-2BG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX08A-2BG208I ACTEL-A54SX08A-2BG208I Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX08A-2BGG208A ACTEL-A54SX08A-2BGG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX08A-2BGG208I ACTEL-A54SX08A-2BGG208I Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX08A-2FG208A ACTEL-A54SX08A-2FG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX08A-2TQ208B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com