Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7438 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7438
Description  Triple-Channel Video Reconstruction Filters with Back-Porch Clamp to GND
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7438 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7438 Datasheet HTML 2Page - Maxim Integrated Products MAX7438 Datasheet HTML 3Page - Maxim Integrated Products MAX7438 Datasheet HTML 4Page - Maxim Integrated Products MAX7438 Datasheet HTML 5Page - Maxim Integrated Products MAX7438 Datasheet HTML 6Page - Maxim Integrated Products MAX7438 Datasheet HTML 7Page - Maxim Integrated Products MAX7438 Datasheet HTML 8Page - Maxim Integrated Products MAX7438 Datasheet HTML 9Page - Maxim Integrated Products MAX7438 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Detailed Description
Filter
Filter Response
The MAX7438/MAX7439 reconstruction filters consist of
three separate lowpass filters with Butterworth-type
response. The filter features a maximally flat passband
for NTSC and PAL bandwidths, while maintaining good
group delay characteristics. The stopband offers excel-
lent attenuation at frequencies of 27MHz and above
(see the Typical Operating Characteristics section).
The autotrimming circuit digitally controls the corner fre-
quency to maintain the frequency characteristics over
process and temperature.
High-Frequency Boost
The high-frequency boost compensates for signal
degradation and roll-off in the signal path prior to the
MAX7438/MAX7439 to increase image sharpness.
Program the level of high-frequency boost for each
channel by selecting the corresponding external resis-
tor values (RHFB_-1 and RHFB_-2, as shown in the
Typical Operating Circuit section) given in Table 1. The
Triple-Channel Video Reconstruction Filters with
Back-Porch Clamp to GND
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 4, 7, 10,
11, 13, 15, 19
GND
Ground
2
IN1
Channel 1 Video Input
3
HFB1
Channel 1 High-Frequency Boost and Filter Bypass Control Input. Connect external resistors to HFB1
for high-frequency boost and filter bypass control. See Table 1.
5
OUT1
Channel 1 Video Output
6VCC
+5V Power Input
8
OUT2
Channel 2 Video Output
9VSS
-5V Power Input. Connect the backside exposed pad to VSS.
12
OUT3
Channel 3 Video Output
14
HFB3
Channel 3 High-Frequency Boost and Filter Bypass Control Input. Connect external resistors to HFB3
for high-frequency boost and filter bypass control. See Table 1.
16
IN3
Channel 3 Video Input
17
HFB2
Channel 2 High-Frequency Boost and Filter Bypass Control Input. Connect external resistors to HFB2
for high-frequency boost and filter bypass control. See Table 1.
18
IN2
Channel 2 Video Input
20
EXT
External Bias Resistor. Connect a 10k
Ω resistor from EXT to GND.
EP
Exposed Paddle. Connect to VSS. Do not connect to GND.
MODE
RHFB_-1
(k
Ω)
RHFB_-2
(k
Ω)
VHFB_ (V)
(VCC = 5V)
NOMINAL BOOST (dB)/
BYPASS
(MAX7438)
NOMINAL BOOST (dB)/
BYPASS
(MAX7439)
Bypass
Open
0
0
Bypass
Bypass
No boost
15
1
0.318
0
0
Boost 1
11.3
2
0.758
0.5
0.75
Boost 2
16.5
7.32
1.53
1.0
1.5
Boost 3
11.3
11.3
2.5
1.5
2.25
Boost 4
4.42
18.2
4.027
2.0
3.0
Table 1. External Resistor Values for Bypass Mode and High-Frequency Boost Control


Similar Part No. - MAX7438

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7438 MAXIM-MAX7438 Datasheet
186Kb / 6P
   Selectable High-Frequency Boost Levels
Rev 0; 6/03
MAX7438EVKIT MAXIM-MAX7438EVKIT Datasheet
186Kb / 6P
   Selectable High-Frequency Boost Levels
Rev 0; 6/03
More results

Similar Description - MAX7438

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7450 MAXIM-MAX7450 Datasheet
254Kb / 9P
   Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
logo
ON Semiconductor
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
   Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
ON Semiconductor
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2564DTBGEVB ONSEMI-NCS2564DTBGEVB Datasheet
222Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2011 ??Rev. 6
NCS2564 ONSEMI-NCS2564 Datasheet
220Kb / 15P
   Four-Channel Video Driver with Selectable SD / HD Reconstruction Filters
April, 2010 ??Rev. 5
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com