Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51977 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES51977
Description  Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51977 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES51977 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
91年11月28日
ES51977
3 3/4 AUTO EASY
Features:
Full Automatic measurement
3 3/4 digits display
Frequency measurement (40M HZ)
Rotary or push setting mode
Auto-power-off then hold the final data
Rotary or push re-power on function
Data hold function
Low battery detect (3V & 9V)
On chip buzzer driver
3V DC power supply
Internal AC to DC conversion OP AMP
If non_AC mode , OP will become unit
gain buffer.
Serial Data Output(RS232 format)
LCD segment check
100 Pin flat-package
Description:
The ES51977 is an integrated analog-
to-digital converter (ADC)with 3 3/4 digits
and 42-segment bargraph LCD display,
automatic range, and 3V battery power
supply.
Automatic range selection is provided
for voltage (AC/DC) measurement, ohm
measurement, current(uA and mA)
measurement, and frequency counter. The
ES51977 also provides serial data output
function.
Expensive and bulky mechanical range
switches are not required. The other
functions are provided for data holding,
low battery detection, auto-power-off,
diode measurement, continuity checking.
Absolute Maximum Ratings
Characteristics
Ratings
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V+ to V-
Digital Input
V- to DGND
Power Dissipation Flat Package
800mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃


Similar Part No. - ES51977

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
More results

Similar Description - ES51977

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
   Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com