Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA861 Datasheet HTML 5Page - Texas Instruments OPA861 Datasheet HTML 6Page - Texas Instruments OPA861 Datasheet HTML 7Page - Texas Instruments OPA861 Datasheet HTML 8Page - Texas Instruments OPA861 Datasheet HTML 9Page - Texas Instruments OPA861 Datasheet HTML 10Page - Texas Instruments OPA861 Datasheet HTML 11Page - Texas Instruments OPA861 Datasheet HTML 12Page - Texas Instruments OPA861 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
6
4
2
0
−2
−4
−6
Ambient Temperature (
_C)
3
2
1
0
−1
−2
−3
−40
−20
0
20
40
60
80
100
120
B−Input Offset Voltage
B−Input Bias Current
9
8
7
6
5
4
3
Ambient Temperature (
_C)
−40
−20
0
20
40
60
80
100
120
40
30
20
10
0
−10
−20
−30
−40
Ambient Temperature (
_C)
−40
−20
0
20
40
60
80
100
120
Five Representative Units
OPA861
SBOS338 – AUGUST 2005
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, IQ = 5.4mA, and RL = 500Ω, unless otherwise noted.
B-INPUT OFFSET VOLTAGE AND BIAS CURRENT
vs TEMPERATURE
QUIESCENT CURRENT vs TEMPERATURE
Figure 13.
Figure 14.
C-OUTPUT BIAS CURRENT vs TEMPERATURE
Figure 15.
9


Similar Part No. - OPA861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861ID TI1-OPA861ID Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVR TI1-OPA861IDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVRG4 TI1-OPA861IDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVT TI1-OPA861IDBVT Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
More results

Similar Description - OPA861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com