Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861ID
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA861ID Datasheet HTML 1Page - Texas Instruments OPA861ID Datasheet HTML 2Page - Texas Instruments OPA861ID Datasheet HTML 3Page - Texas Instruments OPA861ID Datasheet HTML 4Page - Texas Instruments OPA861ID Datasheet HTML 5Page - Texas Instruments OPA861ID Datasheet HTML 6Page - Texas Instruments OPA861ID Datasheet HTML 7Page - Texas Instruments OPA861ID Datasheet HTML 8Page - Texas Instruments OPA861ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
1
2
3
4
8
7
6
5
I
Q Adjust
E
B
V
− = −5V
C
V+ = +5V
NC
NC
SO−8
Top View
1
2
3
6
5
4
I
Q Adjust
−V
S
B
+V
S
C
E
SOT23−6
OPA861
SBOS338 – AUGUST 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA861ID
Rails, 75
OPA861
SO-8
D
–45
°C to +85°C
OPA861
OPA861IDR
Tape and Reel, 2500
OPA861IDBVT
Tape and Reel, 250
OPA861
SOT23-6
DBV
–45
°C to +85°C
N5R
OPA861IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
±6.5V
DC
Internal Power Dissipation
See Thermal Information
Differential Input Voltage
±1.2V
Input Common-Mode Voltage Range
±V
S
Storage Temperature Range: D
–40
°C to +125°C
Lead Temperature (soldering, 10s)
+260
°C
Junction Temperature (TJ)
+150°C
ESD Rating:
Human Body Model (HBM)(2)
1500V
Charge Device Model (CDM)
1000V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operations of the device at these and any other conditions
beyond those specified is not supported.
(2)
Pin 2 for the SO-8 package > 500V HBM. Pin 4 for the SOT23-6 package > 500V HBM.
PIN CONFIGURATION
2


Similar Part No. - OPA861ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861ID TI1-OPA861ID Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVR TI1-OPA861IDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVRG4 TI1-OPA861IDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVT TI1-OPA861IDBVT Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVTG4 TI1-OPA861IDBVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
More results

Similar Description - OPA861ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com