Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HGE36A Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-HGE36A
Description  SURFACE MOUNT CHIP LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-HGE36A Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-HGE36A Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT CHIP LED LAMPS
Absolute Maximun Ratings
(Ta=25℃)
UNIT
SPEC.
IF
mA
30
IFp
mA
100
VR
V
5
Topr
-25~+80
Tstg
-30~+85
Chip
Electro-optical Data (At 20mA)
Vf (V)
Iv (mcd)
Part No.
Material
Emitted Color
λp
(nm)
λd
(nm)
Lens
Appearance
Typ.
Max.
Min.
Typ.
Viewing
Angle
2
1/2
(deg)
BL-HJD36A
AlGaInP
Super Orange Red
630
625
2.1
2.6
28.0
50.0
BL-HJB36A
AlGaInP
Super Orange Red
620
615
2.0
2.6
28.0
50.0
BL-HJE36A
AlGaInP
Super Orange Red
630
620
2.0
2.6
63.0
100.0
BL-HJF36A
AlGaInP
Super Amber
610
605
2.0
2.6
28.0
50.0
BL-HKB36A
AlGaInP
Super Yellow
590
587
2.1
2.6
28.0
45.0
BL-HKC36A
AlGaInP
Super Yellow
590
586
2.0
2.6
28.0
120.0
BL-HGE36A
AlGaInP
Super Yellow Green
570
570
2.0
2.6
28.0
50.0
BL-HG436A
InGaN
Bluish Green
505
505
3.5
4.0
63.0
120.0
BL-HG636A
InGaN
Green
525
525
Water Clear
3.5
4.0
63.0
160.0
120˚
Chip
Electro-optical Data (At 5mA)
Vf (V)
Iv (mcd)
Part No.
Material
Emitted Color
λp
(nm)
λd
(nm)
Lens
Appearance
Typ.
Max.
Min.
Typ.
Viewing
Angle
2
1/2
(deg)
BL-HB336A
AllnGaN
Super Blue
460
465-470
2.8
3.2
8.2
15.0
BL-HB536A
AllnGaN
Super Blue
470
470-475
Water Clear
2.8
3.2
8.2
20.0
120˚
BL-Hxxx6A (0603-0.6mm) Series


Similar Part No. - BL-HGE36A

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HGE36A-AV-TRB BRIGHT-BL-HGE36A-AV-TRB Datasheet
272Kb / 7P
   Automotive : Dashboards, stop lamps, turn signals
logo
American Bright OPTOELE...
BL-HGE36A-AV-TRB AMERICANBRIGHT-BL-HGE36A-AV-TRB Datasheet
306Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
logo
BRIGHT LED ELECTRONICS ...
BL-HGE36A-TRB BRIGHT-BL-HGE36A-TRB Datasheet
242Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
logo
American Bright OPTOELE...
BL-HGE36A-TRB AMERICANBRIGHT-BL-HGE36A-TRB Datasheet
277Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
BL-HGE36A-TRE AMERICANBRIGHT-BL-HGE36A-TRE Datasheet
228Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HGE36A

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HE134C YSTONE-BL-HE134C Datasheet
515Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HE136A YSTONE-BL-HE136A Datasheet
260Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS133A YSTONE-BL-HS133A Datasheet
445Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS136D YSTONE-BL-HS136D Datasheet
393Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
67-21SUGC A-BRIGHT-67-21SUGC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-54221T ETC-LEM-54221T Datasheet
117Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-95121 ETC-LEM-95121 Datasheet
62Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-65121T ETC1-LEM-65121T Datasheet
70Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
42-21SURC-S530-A4 A-BRIGHT-42-21SURC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2006/10/11
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-44221T ETC1-LEM-44221T Datasheet
115Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com