Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4951 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4951
Description  Wide Voltage Range 1.8 Watt Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4951 Datasheet HTML 5Page - National Semiconductor (TI) LM4951 Datasheet HTML 6Page - National Semiconductor (TI) LM4951 Datasheet HTML 7Page - National Semiconductor (TI) LM4951 Datasheet HTML 8Page - National Semiconductor (TI) LM4951 Datasheet HTML 9Page - National Semiconductor (TI) LM4951 Datasheet HTML 10Page - National Semiconductor (TI) LM4951 Datasheet HTML 11Page - National Semiconductor (TI) LM4951 Datasheet HTML 12Page - National Semiconductor (TI) LM4951 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation
vs Output Power
V
DD = 3.3V, RL =8
Ω, f = 1kHz
Power Dissipation
vs Output Power
V
DD = 7.5V, RL =8
Ω, f = 1kHz
20094225
20094226
Supply Current
vs Supply Voltage
R
L =8
Ω,V
IN = 0V, Rsource =50
Clipping Voltage vs Supply Voltage
R
L =8
Ω,
from top to bottom: Negative Voltage Swing; Positive
Voltage Swing
20094227
200942E9
Output Power vs Supply Voltage
R
L =8
Ω,
from top to bottom: THD+N = 10%, THD+N = 1%
Output Power vs Load Resistance
V
DD = 3.3V, f = 1kHz
from top to bottom: THD+N = 10%, THD+N = 1%
200942F0
200942F1
www.national.com
9


Similar Part No. - LM4951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951 TI-LM4951 Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
National Semiconductor ...
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Similar Description - LM4951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com