Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S5137 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-S5137
Description  STANDARD LED LAMPS (CYLINDRICAL TYPES)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-S5137 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-S5137 Datasheet HTML 1Page - Yellow Stone Corp BL-S5137 Datasheet HTML 2Page - Yellow Stone Corp BL-S5137 Datasheet HTML 3Page - Yellow Stone Corp BL-S5137 Datasheet HTML 4Page - Yellow Stone Corp BL-S5137 Datasheet HTML 5Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STANDARD LED LAMPS (CYLINDRICAL TYPES)
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/Emitted
Color
Peak
Wave
Length
λ
P
(nm)
Lens
Appearance
Δ
λ
(nm)
Pd
(mw)
If
(mA)
Peak
(mA)
Typ
Max
Typ
Viewing
Angle
2
θ 1⁄2
(deg)
Drawing
No.
BL-C5121
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
1.2
BL-C4521
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
9.0
BL-C2121
GaP/GaP/Green
568
Green Diffused
30
80
30
150
2.2
2.6
9.0
Cyclindrical
0.5
″ Lead
4.5φ
BL-C3121
GaP/GaP/Hi-Eff Green
585
Yellow Diffused
35
80
30
150
2.1
2.6
8.0
150
L-040
BL-C5132
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
3.0
BL-C4532
GaAsP/GaP/Hi-Eff Red
635
Red Diffused
45
80
30
150
2.0
2.6
9.0
BL-C2132
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
9.0
BL-CX1132
GaP/GaP/Hi-Eff Green
568
Green Diffused
30
80
30
150
2.2
2.6
12.0
BL-C3132
GaAsP/GaP/Yellow
585
Yellow Diffused
35
80
30
150
2.1
2.6
8.0
1.0
″ Lead
Cylindrical
φ3.0
BL-C4132
GaAsP/GaP/Orange
635
Orange Diffused
45
100
30
150
2.0
2.6
9.0
130
L-041
BL-C5435
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
5.0
BL-C4635
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
15.0
BL-C2435
GaP/GaP/Green
568
30
80
30
150
2.2
2.6
15.0
BL-CX1435
GaP/GaP/Hi-Eff Green
568
Green Trans
30
80
30
150
2.2
2.6
18.0
BL-C3435
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
12.0
1.0
″ Lead
Cylindrical
φ3.0
BL-C4435
GaAsP/GaP/Orange
635
Orange Trans
45
100
30
150
2.0
2.6
15.0
120
L-042
BL-C5436
GaP/GaP/Bright Red
700
90
40
15
50
2.2
2.6
5.0
BL-C4636
GaAsP/GaP/Hi-Eff Red
635
Red Trans
45
80
30
150
2.0
2.6
14.0
BL-C2436
GaP/Gap/Green
568
30
80
30
150
2.2
2.6
14.0
BL-CX1436
GaP/GaP/Hi-Eff Green
568
Green Trans
30
80
30
150
2.2
2.6
16.0
BL-C3436
GaAsP/GaP/Yellow
585
Yellow Trans
35
80
30
150
2.1
2.6
13.0
1.0
″ Lead
Cylindrical
φ5.0
BL-C4436
GaAsP/GaP/Orange
635
Orange Trans
45
100
30
150
2.0
2.6
14.0
120
L-043


Similar Part No. - BL-S5137

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S5137 YSTONE-BL-S5137 Datasheet
659Kb / 2P
   STANDARD LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-S5137 BRIGHT-BL-S5137 Datasheet
129Kb / 2P
   GaP/GaP Bright Red Low power consumption.
logo
Yellow Stone Corp
BL-S5137A YSTONE-BL-S5137A Datasheet
659Kb / 2P
   STANDARD LED LAMPS
More results

Similar Description - BL-S5137

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-R1138A YSTONE-BL-R1138A Datasheet
372Kb / 2P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
   STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-R1132D YSTONE-BL-R1132D Datasheet
641Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1141H YSTONE-BL-R1141H Datasheet
178Kb / 2P
   STANDARD LED LAMPS(RECTANGULAR TYPES)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com