Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-521.8PA Datasheet(PDF) 4 Page - Recom International Power

Part # R-521.8PA
Description  INNOLINE DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-521.8PA Datasheet(HTML) 4 Page - Recom International Power

  R-521.8PA Datasheet HTML 1Page - Recom International Power R-521.8PA Datasheet HTML 2Page - Recom International Power R-521.8PA Datasheet HTML 3Page - Recom International Power R-521.8PA Datasheet HTML 4Page - Recom International Power R-521.8PA Datasheet HTML 5Page - Recom International Power R-521.8PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-international.com
131
24-August-2005
R-5xxxPA_DA
Series
Output Current vs Input Voltage
INNOLINE
DC/DC-Converter
90
60
20
40
1.4
1
0.5
Internal Power Dissipation (W)
0
80
85
H
Hoow
w ttoo ccaallccuullaattiinngg tthhee m
maaxx oouuttppuutt ccuurrrreenntt
The internal power dissipation(PD)follows the equation:
PD = Io × Vo × (1-
η)
Io = PD / Vo × (1-
η)
Where
PD = Internal power dissipation
Io = Output current
Vo = Output voltage
η = Efficiency
Example: R-545.0P , at Vin = 18Vdc , Vo = 5Vdc ,
η=93% (see table 1)
(a) When Ta = 60°C , PD = 1.4 Watt (see fig-1)
Io = 1.4(W) / 5(V) × (1-0.93) = 4(A)
(b) When Ta = 85°C , PD = 1 Watt (see fig-1)
Io = 1(W) / 5(V) × (1-0.93) = 2.857(A)
(c) At Vin = 12Vdc efficiency = 94% (see table 1)
When Ta = 85°C , PD = 1 Watt (see fig-1)
Io = 1(W) / 5(V) × (1-0.94) =3.33(A)
Characteristics
1
1.8
0
5.0
2.3
3.3
1.2
0.5
Output Voltage (V)
1
1.8
0
5.0
2.3
3.3
1.2
0.5
Output Voltage (V)
R-53xx / R-54xx
Output Voltage Line Regulation VS Vout
R-52xx / R-55xx
Output Voltage Line Regulation VS Vout
2.0
5
0
20
10
15
1.5
Input Voltage (V)
1.0
0.5
1.2V
1.8V
2.5V
3.3V
5.0V
2.0
5
0
20
10
15
1.5
Input Voltage (V)
1.0
0.5
1.2V
1.8V
2.5V
3.3V
5.0V
R-53xx / R-54xx
Intput Voltage Load Regulation VS Vin
R-52xx / R-55xx
Intput Voltage Load Regulation VS Vin


Similar Part No. - R-521.8PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.8PA RECOM-R-521.8PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.8PA RECOM-R-521.8PA Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-521.8PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com