Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-523.3PA Datasheet(PDF) 3 Page - Recom International Power

Part # R-523.3PA
Description  INNOLINE DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-523.3PA Datasheet(HTML) 3 Page - Recom International Power

  R-523.3PA Datasheet HTML 1Page - Recom International Power R-523.3PA Datasheet HTML 2Page - Recom International Power R-523.3PA Datasheet HTML 3Page - Recom International Power R-523.3PA Datasheet HTML 4Page - Recom International Power R-523.3PA Datasheet HTML 5Page - Recom International Power R-523.3PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
130
www.recom-international.com
24-August-2005
R-5xxxPA_DA
Series
Standard Application Circuit
INNOLINE
DC/DC-Converter
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10
R-52XX
R-53XX
R-54XX
R-55XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2 (Req'd)
100µF/10V
or 220µF/10V
(see Note 1)
11
Com
ON/OFF
Control
Q1
C1
100µF/25V
(REQ`D)
Vin
1
C2-1
100µF/10V
(REQ`D)
C2-2
100µF/10V
(REQ`D)
Com
Vout
must be connected
together
2
3
4 5
6
7
8 9
10
11
12
1
2
3
4 5
6
7
8 9
10
11
12
U2
U1
1
12
1
12
U1
U2
Keep 2mm to 5mm distance
between both converters
Component side
1
U1
U2
To Load
C1
1
12
12
C2-1
C2-2
Solder side
Parallel Application Circuit
The R-52xx, R-53xx, R-54xx series can be used in parallel to upgrade the output current capacity for
the same output voltage.
For example, the R-543.3PA can parallel up with another R-554.3PA to give up to 8 amps or with the
R-533.3PA or R-523.3PA types to give output currents of up to 7 Amps or 6 Amps.
The R-55xx series cannot be paralleled.


Similar Part No. - R-523.3PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-523.3PA RECOM-R-523.3PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-523.3PA RECOM-R-523.3PA Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-523.3PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com