Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-525.0PA Datasheet(PDF) 5 Page - Recom International Power

Part # R-525.0PA
Description  INNOLINE DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-525.0PA Datasheet(HTML) 5 Page - Recom International Power

  R-525.0PA Datasheet HTML 1Page - Recom International Power R-525.0PA Datasheet HTML 2Page - Recom International Power R-525.0PA Datasheet HTML 3Page - Recom International Power R-525.0PA Datasheet HTML 4Page - Recom International Power R-525.0PA Datasheet HTML 5Page - Recom International Power R-525.0PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
132
www.recom-international.com
24-August-2005
R-5xxxPA_DA
Series
Characteristics
INNOLINE
DC/DC-Converter
100
14
2
3
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
5
100
0.5
2.0
1.0
1.5
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
R-53xx / R-54xx / R-55xx
Output Current Efficiency vs Iout (Vin = Min)
R-52xx
Output Current Efficiency vs Iout (Vin = Min)
100
14
2
3
90
Output Current (A)
80
70
1.2V
1.8V
2.5V
3.3V
5.0V
5
100
0.5
2.0
1.0
1.5
80
Output Current (A)
60
40
1.2V
1.8V
2.5V
3.3V
5.0V
50
70
90
R-53xx / R-54xx / R-55xx
Output Current Efficiency vs Iout (Vin = 18V)
R-52xx
Output Current Efficiency VS Iout (Vin = 18V)
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10
Vout
Power output
11
Vout (Auto Sense)
If unused this pin must be connected to Pin 9 and 10
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Tolerance:
± 0.25 mm
Package Style and Pinning (mm)
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.7
4.0
15.00
32.20
10 11 12
2.13
9.1
0.2
Bottom
View
4.0
0.7
0.7
1 2 3 4 5 6 7 8 9
2.54
0.7
15.00
32.20
10 11 12
9.1
0.2
RECOM
R- 521.2PA
RECOM
R- 521.2DA
2.13
3rd angle
projection
SIP12 PIN Package


Similar Part No. - R-525.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-525.0PA RECOM-R-525.0PA Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-525.0PA RECOM-R-525.0PA Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-525.0PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com