Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-611.8P Datasheet(PDF) 1 Page - Recom International Power

Part # R-611.8P
Description  INNOLINE DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-611.8P Datasheet(HTML) 1 Page - Recom International Power

  R-611.8P Datasheet HTML 1Page - Recom International Power R-611.8P Datasheet HTML 2Page - Recom International Power R-611.8P Datasheet HTML 3Page - Recom International Power R-611.8P Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
134
www.recom-international.com
24-August-2005
1-2 AMP
SIP12
Vertical &
&
Horizontal
INNOLINE
DC/DC-Converter
R-6xxxP_D
Series
Adjustable Output Voltage
Non-Isolated
1-2AMP Adjustable Positive Step Down
Integrated Switching Regulator
Internal Short Circuit Protection
ON/OFF Control(Ground Off)
Wide Input Range
Efficiency to 96%
Features
Selection Guide
Specifications (refer to the standard application circuit, Ta: 25°C)
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
Vout = 1.8V
9V
32V
Vout = 2.5V
9V
32V
Vout = 3.3V
9V
32V
Vout = 5V
9V
32V
Vout = 9V
11V
32V
Vout = 12V
14V
32V
Output Voltage Adjust Range (see table 1)
Vout = 1.8V
1.5V
1.8V
3.6V
Vout = 2.5V
1.5V
2.5V
4.5V
Vout = 3.3V
1.8V
3.3V
6V
Vout = 5V
1.8V
5V
9V
Vout = 9V
3.3V
9V
15V
Vout = 12V
3.3V
12V
15V
Output Current
R-61xxP/D
0.1A
1.0A
R-62xxP/D
0.2A
2.0A
Output Current Limit
4A
4.5A
5A
Short Circuit Input Current
Vin > 12V
20mA
100mA
Output Voltage Accuracy
At 100% Load
±1%
±2%
Line Voltage Regulation (Vin = min. to max. at full load)
0.5%
Load Regulation (10 to 100% full load)
R-61xxP/D
0.5%
R-62xxP/D
1.0%
Continued next page
Part
Input
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage
Adjust Range
Current
Vin min.
Vin max.
SIP12
(V)
(V)
(V)
(A)
(%)
(%)
R-611.8x
9 – 32
1.8
1.5 – 3.6
1
79
67
R-612.5x
9 – 32
2.5
1.5 – 4.5
1
84
74
R-613.3x
9 – 32
3.3
1.8 – 6
1
88
79
R-615.0x
9 – 32
5
1.8 – 9
1
92
84
R-619.0x
11 – 32
9
3.3 – 15
1
96
90
R-6112x
14 – 32
12
3.3 – 15
1
97
92
R-621.8x
9 – 32
1.8
1.5 – 3.6
2
76
68
R-622.5x
9 – 32
2.5
1.5 – 4.5
2
81
74
R-623.3x
9 – 32
3.3
1.8 – 6
2
86
80
R-625.0x
9 – 32
5
1.8 – 9
2
90
85
R-629.0x
11 – 32
9
3.3 – 15
2
95
91
R-6212x
14 – 32
12
3.3 – 15
2
96
93
Note: Vin -Vout
≥ 1.5V if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting


Similar Part No. - R-611.8P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-611.8P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com