Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-613.3P Datasheet(PDF) 4 Page - Recom International Power

Part # R-613.3P
Description  INNOLINE DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-613.3P Datasheet(HTML) 4 Page - Recom International Power

  R-613.3P Datasheet HTML 1Page - Recom International Power R-613.3P Datasheet HTML 2Page - Recom International Power R-613.3P Datasheet HTML 3Page - Recom International Power R-613.3P Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
137
24-August-2005
www.recom-international.com
137
R-6xxxP_D
Series
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
1Adc
R-611.8P/D
R-612.5P/D
R-613.3P/D
R-615.0P/D
R-619.0P/D
R-6112P/D
2Adc
R-621.8P/D
R-622.5P/D
R-623.3P/D
R-625.0P/D
R-629.0P/D
R-6212P/D
Vout (nominal)
1.8VDC
2.5VDC
3.3VDC
5VDC
9VDC
12VDC
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
1.5
13.6K
3.3K
1.8
8.2K
3.1K
820
2.0
10K
15K
5.1K
1.5K
2.5
5.1K
13K
3.6K
3.0
2.5K
10K
51K
7.0K
3.3
1.7K
5.9K
9.7K
0
0
3.6
1.2K
3.9K
18K
14K
1.5K
560
3.9
2.8K
9.1K
20K
3.3K
1.2K
4.5
1.6K
3.9K
60K
7.5K
2.1K
5.0
2.4K
11K
4.0K
5.1
2.2K
60K
12K
4.3K
5.5
1.6K
15K
17K
5.6K
6.0
1.1K
7.2K
24K
7.5K
7.0
2.8K
51K
12K
8.0
1.5K
130K
19K
9.0
880
31K
10
450
36K
55K
11
180
15K
125K
12
8.2K
13
4.7K
11K
14
2.7K
4.0K
15
1.3K
1.6K


Similar Part No. - R-613.3P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-613.3P RECOM-R-613.3P Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-613.3P RECOM-R-613.3P Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-613.3P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com