Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP284 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # OP284
Description  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284 Datasheet(HTML) 4 Page - Maxwell Technologies

  OP284 Datasheet HTML 1Page - Maxwell Technologies OP284 Datasheet HTML 2Page - Maxwell Technologies OP284 Datasheet HTML 3Page - Maxwell Technologies OP284 Datasheet HTML 4Page - Maxwell Technologies OP284 Datasheet HTML 5Page - Maxwell Technologies OP284 Datasheet HTML 6Page - Maxwell Technologies OP284 Datasheet HTML 7Page - Maxwell Technologies OP284 Datasheet HTML 8Page - Maxwell Technologies OP284 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
Operational Amplifiers
OP284
07.25.03 Rev 3
Output voltage swing
+V
OUT1
I
L=1.0mA
1, 2, 3
14.8
--
--
V
-V
OUT1
I
L=1.0mA
1, 2, 3
--
--
-14.8
V
Gain bandwidth product1
GBWP V
O=200mV, RL=2.0kΩ,
C
L=50pF, TA=+25° C
1--
4.25
--
MHz
Full power bandwidth1,3
FPBW V
PEAK=29vp-p, RL=2.0kΩ,
C
L=50pF, TA=+25° C, 1% distortion
1--
35
--
kHz
Settling time
t
S
A
V=+1.0, CL=50pF, RL=2.0kΩ
To 0.01%, 10V step
1, 2, 3
--
--
5
µ s
Phase margin
F
O
AV=1.0, C
L=50pF,
R
L=2.0kΩ, TA=+25° C
1
--
--
50
Degrees
Slew rate
+SR
C
L=50pF, RL=2.0kΩ
1, 2, 3
--
--
2.4
V/µ s
-SR
C
L=50pF, RL=2.0kΩ
1, 2, 3
--
--
2.4
V/µ s
1. Guaranteed by design.
2. Power consumption is based upon quiescent supply current maximum test limit. No load on outputs.
3. Full power bandwidth is based on slew rate measurement using FBBW = slew rate/(2PV
PEAK).
TABLE 5. OP284 ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNIT


Similar Part No. - OP284

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP284 AD-OP284 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP284 AD-OP284 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284 Datasheet
248Kb / 5P
   Technical Article
logo
Maxwell Technologies
OP284A MAXWELL-OP284A Datasheet
875Kb / 16P
   Dual Operational Amplifier
More results

Similar Description - OP284

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com