Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-725.0P Datasheet(PDF) 3 Page - Recom International Power

Part # R-725.0P
Description  INNOLINE DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-725.0P Datasheet(HTML) 3 Page - Recom International Power

  R-725.0P Datasheet HTML 1Page - Recom International Power R-725.0P Datasheet HTML 2Page - Recom International Power R-725.0P Datasheet HTML 3Page - Recom International Power R-725.0P Datasheet HTML 4Page - Recom International Power R-725.0P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-international.com
3
24-August-2005
R-7xxxP_D
Series
Output Current vs Input Voltage
INNOLINE
DC/DC-Converter
90
60
20
40
1.4
1
0.5
Internal Power Dissipation (W)
0
80
85
H
Hoow
w ttoo ccaallccuullaattiinngg tthhee m
maaxx oouuttppuutt ccuurrrreenntt
The internal power dissipation(PD)follows the equation:
PD = Io × Vo × (1-
η)
Io = PD / Vo × (1-
η)
Where
PD = Internal power dissipation
Io = Output current
Vo = Output voltage
η = Efficiency
Example: R-745.0P , at Vin = 28Vdc , Vo = 5Vdc ,
η=91% (see table 1)
(a) When Ta = 60°C , PD = 1.4 Watt (see fig-1)
Io = 1.4(W) / 5(V) × (1-0.91) = 3.11(A)
(b) When Ta = 85°C , PD = 1 Watt (see fig-1)
Io = 1(W) / 5(V) × (1-0.91) = 2.222(A)
(c) At Vin = 12Vdc efficiency = 94% (see table 1)
When Ta = 85°C , PD = 1 Watt (see fig-1)
Io = 1(W) / 5(V) × (1-0.94) =3.33(A)
Characteristics
50
5
Ripple Vs Vin
Vo=9V
Vo=3.3V
Vo=5V
Vo=12V
25
Vin ( V )
10
15
20
25
28
Vo=6.5V
Vo=15V
( Vo )
100
5
Ripple Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
( Vo )
R-72xx / R-73xx
Ripple VS Vin
R-74xx
Ripple VS Vin
100
5
Efficiency Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
15V
( Vo )
100
5
Efficiency Vs Vin
Vo=3.3V
Vo=5V
50
Vin ( V )
10
15
20
25
28
Vo=6.5V
( Vo )
R-72xx / R-73xx
Efficiency VS Vin
R-74xx
Efficiency VS Vin
100
14
2
3
90
Efficiency Vs Iout (Vin=Min)
80
70
6.5V
3.3V
5.0V
( Vo )
100
14
2
3
90
Efficiency Vs Iout (Vin=Max)
80
60
15V
3.3V
5.0V
( Vo )
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Min
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Max


Similar Part No. - R-725.0P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-725.0P RECOM-R-725.0P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-725.0P RECOM-R-725.0P Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-725.0P

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872 Datasheet
97Kb / 3P
   INNOLINE DC/DC-Converter
R-611.8P RECOM-R-611.8P Datasheet
83Kb / 4P
   INNOLINE DC/DC-Converter
R-521.2PA RECOM-R-521.2PA Datasheet
110Kb / 6P
   INNOLINE DC/DC-Converter
R12-180S15P RECOM-R12-180S15P Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com