Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100-482.5S Datasheet(PDF) 1 Page - Recom International Power

Part # RP100-482.5S
Description  100 Watt Isolated Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-482.5S Datasheet(HTML) 1 Page - Recom International Power

  RP100-482.5S Datasheet HTML 1Page - Recom International Power RP100-482.5S Datasheet HTML 2Page - Recom International Power RP100-482.5S Datasheet HTML 3Page - Recom International Power RP100-482.5S Datasheet HTML 4Page - Recom International Power RP100-482.5S Datasheet HTML 5Page - Recom International Power RP100-482.5S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-international.com
149
April-2005
100 Watt
Isolated
Single &
&
Dual Output
INNOLINE
DC/DC-Converter
RP100-S_DI
Series
Single Output up to 25A
Dual Outputs Total Power up to 100W
Input/Output 1.6kVDC Isolation
Adjustable Output Voltage
Under-Voltage Lockout
No Minimum Load
Industry Standard Footprint
Fixed Operating Frequency
Halt Tested
Compact 61.0 x 57.91 x 12.7mm Package
High Efficiency to 90%
Features
Selection Guide
Notes:
Part
Input
Output
Output
Line
Load
Input
Efficiency
Number
Voltage
Voltage
Current
Regulation Regulation
Current(8)
(9)
S
Siinnggllee O
Ouuttppuutt
(VDC)
(VDC)
(A)
(mV)
(mV)
(A)
%
RP100-481.8S
36 – 75
1.8
25
4
6
1.157
86
RP100-482.5S
36 – 75
2.5
25
5
8
1.608
87
RP100-483.3S
36 – 75
3.3
25
7
10
2.022
90
RP100-4805S
36 – 75
5
20
10
15
2.480
90
RP100-4815S
36 – 75
15
6.66
30
45
2.507
90
Part
Input
Output
Output
Line
Load
Input Efficiency
Number
Voltage
Voltage
Current
Regulation
Regulation
Current(8)
(9)
V1 / V2
I1 / I2
V1 / V2
V1 / V2
D
Duuaall O
Ouuttppuutt
(VDC)
(VDC)
(A)
(mV)
(mV)
(A)
%
RP100-483.305DI
36 – 75
5 / 3.3
20 / 25
25 / 16.5
25 / 16.5
2.39
87
RP100-482.505DI
36 – 75
5 / 2.5
20 / 25
25 / 12.5
25 / 12.5
2.45
85
RP100-482.53.3DI
36 – 75
3.3 / 2.5
25 / 25
16.5 / 12.5
16.5 / 12.5
2.44
85
1. Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used,
the +Vsense should be connected to its corresponding +Vout and likewise the -Vsense should be connected
to its corresponding -Vout.
2. Single: Measured with a 1uF M/C and a 10uF T/C.
Dual: For each outputs.
3. An external filter capacitor is required for normal operation.
The capacitor should be capable of handing 1A ripple current for 48V models.
RECOM suggest: Nippon chemi-con KMF series, 220µF/100V, ESR 90m
.
4. Single: The negative / positive logic and length are optional ( see table ).
The pin voltage is referenced to negative input.
Dual: The ON/OFF control function. There are positive logic ( standard ) and negative logic ( option ).
The pin voltage is referenced to negative input.
To order negative logic ON/OFF control add the suffix-N. ( Ex:RP100-483.305I/N )
5. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40°C.
( Ground fixed and controlled environment )
6. Heat sink is optional and P/N: 7G-0021, 7G-0022, 7G-0023, 7G-0024.
7. The RP100 meets level A and level B conducted emissions only with external components connected before
the input pin to the converter.
8. Maximum value at nominal input voltage and full load.
9. Typical value at nominal input voltage and full load.
The dual efficiency test condition:
RP100-483.305DI
@
5V/12A and 3.3V/12A
RP100-482.505DI
@
5V/12A and 2.5V/16A
RP100-482.53.3DI @ 3.3V/18A and 2.5V/16A
10. BASEPLATE GROUNDING: Base-plate should be grounded at one of four screw bolts prior to operation.
11. The converter is provided by basic insulation.
12. “N
N” for Negative remote ON/OFF.
13. “P
P” for Positive remote ON/OFF.


Similar Part No. - RP100-482.5S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-482.5S RECOM-RP100-482.5S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-482.5SB RECOM-RP100-482.5SB Datasheet
96Kb / 4P
   100 Watt Single Output
RP100-482.5SN RECOM-RP100-482.5SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-482.5SP RECOM-RP100-482.5SP Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100-482.5S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S_06 Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S_06 Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com