Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100-483.3S Datasheet(PDF) 5 Page - Recom International Power

Part # RP100-483.3S
Description  100 Watt Isolated Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-483.3S Datasheet(HTML) 5 Page - Recom International Power

  RP100-483.3S Datasheet HTML 1Page - Recom International Power RP100-483.3S Datasheet HTML 2Page - Recom International Power RP100-483.3S Datasheet HTML 3Page - Recom International Power RP100-483.3S Datasheet HTML 4Page - Recom International Power RP100-483.3S Datasheet HTML 5Page - Recom International Power RP100-483.3S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
153
April-2005
Trim Up
RU
Trim Down
RD
8
7
7
6
Product Options Table
External Output Trimming
Output can be externally trimmed by using the method
shown below.
See application notes for values.
Package Style and Pinning (mm)
INNOLINE
DC/DC-Converter
3rd angle
projection
60.96
57.91
Bottom View
50.80
35.56
15.24
10.16
4
3
2
8
7
6
9
12.70
5.08
48.26
Side View
17.78
25.40
4xM3 x 0.5 ( Note 10)
5
1
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin pitch tolerance 0.35mm
Pin Connections
Pin #
Function
Pin Ø
1
–Vin
1.016 mm
2
Case
1.016 mm
3
Remote ON/OFF
1.016 mm
4
+Vin
1.016 mm
5
–Vout
2.032 mm
6
–Vsense
1.016 mm
7
Trim
1.016 mm
8
+Vsense
1.016 mm
9
+Vout
2.032 mm
O
Oppttiioonn
S
Suuffffiixx
Negative remote ON/OFF logic, 0.20” pin length (standard)
Negative remote ON/OFF logic, 0.145” pin length
L
Negative remote ON/OFF logic, 0.11” pin length
K
Positive remote ON/OFF logic, 0.20” pin length
P
Positive remote ON/OFF logic, 0.145” pin length
S
Positive remote ON/OFF logic, 0.11” pin length
M
EExxaam
mppllee:: R
RP
P1
10
00
0--4
48
83
3..3
3S
S//P
P
RP100-S_DI
Series
Single Output


Similar Part No. - RP100-483.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-483.3S RECOM-RP100-483.3S Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-483.3SB RECOM-RP100-483.3SB Datasheet
96Kb / 4P
   100 Watt Single Output
RP100-483.3SN RECOM-RP100-483.3SN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP100-483.3SP RECOM-RP100-483.3SP Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100-483.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S_06 Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S_06 Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com