Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP100-482.53.3DI Datasheet(PDF) 6 Page - Recom International Power

Part # RP100-482.53.3DI
Description  100 Watt Isolated Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP100-482.53.3DI Datasheet(HTML) 6 Page - Recom International Power

  RP100-482.53.3DI Datasheet HTML 1Page - Recom International Power RP100-482.53.3DI Datasheet HTML 2Page - Recom International Power RP100-482.53.3DI Datasheet HTML 3Page - Recom International Power RP100-482.53.3DI Datasheet HTML 4Page - Recom International Power RP100-482.53.3DI Datasheet HTML 5Page - Recom International Power RP100-482.53.3DI Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
154
www.recom-international.com
April-2005
60.96
57.91
Bottom View
50.80
35.56
15.24
10.16
25.40
40.64
4
3
2
8
7
6
9
10
12.70
5.08
48.26
Side View
4xM3 x 0.5 ( Note 10)
5
1
Trim Up
RU
Trim Down
RD
9(6)
10(7)
10(7)
8(5)
Product Options Table
External Output Trimming
Output can be externally trimmed by using the method
shown below. See application notes for values.
( ) for V2 output trim
Package Style and Pinning (mm)
INNOLINE
DC/DC-Converter
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin pitch tolerance 0.35mm
Pin Connections
Pin #
Function
Pin Ø
1
–Vin
1.016 mm
2
Case
1.016 mm
3
Remote ON/OFF
1.016 mm
4
+Vin
1.016 mm
5
+V2
2.032 mm
6
–V2 (Com)
2.032 mm
7
V2 Trim
1.016 mm
8
+V1
2.032 mm
9
+V1 (Com)
2.032 mm
10
V1 Trim
1.016 mm
O
Oppttiioonn
S
Suuffffiixx
Negative remote ON/OFF logic, 0.20” pin length (standard)
Negative remote ON/OFF logic, 0.145” pin length
L
Negative remote ON/OFF logic, 0.11” pin length
K
Positive remote ON/OFF logic, 0.20” pin length
P
Positive remote ON/OFF logic, 0.145” pin length
S
Positive remote ON/OFF logic, 0.11” pin length
M
EExxaam
mppllee:: R
RP
P1
10
00
0--4
48
83
3..3
30
05
5II//N
N
RP100-S_DI
Series
Dual Output


Similar Part No. - RP100-482.53.3DI

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-482.53.3DP RECOM-RP100-482.53.3DP Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
More results

Similar Description - RP100-482.53.3DI

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-481.8S RECOM-RP100-481.8S_06 Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S_06 Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-481.8S RECOM-RP75-481.8S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com