Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C252MPFS18A-133TQCN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C252MPFS18A-133TQCN
Description  2.5V 2M x 18 pipelined burst synchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C252MPFS18A-133TQCN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C252MPFS18A-133TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C252MPFS18A-133TQCN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2/14/05, v.1.3
Alliance Semiconductor
9 of 18
AS7C252MPFS18A
®
Timing characteristics over operating range
Snooze Mode Electrical Characteristics
Parameter
Sym
–200
–166
-133
Unit
Notes1
1 See “Notes” on page 15.
Min
Max
Min
Max
Min
Max
Clock frequency
fMax
200
166
133
MHz
Cycle time
tCYC
5
6
7.5
ns
Clock access time
tCD
3.1
3.5
3.8
ns
Output enable low to data valid
tOE
3.1
3.5
3.8
ns
Clock high to output low Z
tLZC
0
0
0
ns
2,3,4
Data output invalid from clock high
tOH
1.5
1.5
1.5
ns
2
Output enable low to output low Z
tLZOE
0
0
0
ns
2,3,4
Output enable high to output high Z
tHZOE
3.0
3.4
3.8
ns
2,3,4
Clock high to output high Z
tHZC
3.0
3.4
3.8
ns
2,3,4
Output enable high to invalid output
tOHOE
0–
0
0
ns
Clock high pulse width
tCH
2.0
2.4
2.4
ns
5
Clock low pulse width
tCL
2.0
2.4
2.4
ns
5
Address setup to clock high
tAS
1.4
1.5
1.5
ns
6
Data setup to clock high
tDS
1.4
1.5
1.5
ns
6
Write setup to clock high
tWS
1.4
1.5
1.5
ns
6,7
Chip select setup to clock high
tCSS
1.4
1.5
1.5
ns
6,8
Address hold from clock high
tAH
0.4
0.5
0.5
ns
6
Data hold from clock high
tDH
0.4
0.5
0.5
ns
6
Write hold from clock high
tWH
0.4
0.5
0.5
ns
6,7
Chip select hold from clock high
tCSH
0.4
0.5
0.5
ns
6,8
ADV setup to clock high
tADVS
1.4
1.5
1.5
ns
6
ADSP setup to clock high
tADSPS
1.4
1.5
1.5
ns
6
ADSC setup to clock high
tADSCS
1.4
1.5
1.5
ns
6
ADV hold from clock high
tADVH
0.4
0.5
0.5
ns
6
ADSP hold from clock high
tADSPH
0.4
0.5
0.5
ns
6
ADSC hold from clock high
tADSCH
0.4
0.5
0.5
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
80
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0cycle


Similar Part No. - AS7C252MPFS18A-133TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A-133TQC ALSC-AS7C252MPFD18A-133TQC Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A-133TQCN ALSC-AS7C252MPFD18A-133TQCN Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A-133TQI ALSC-AS7C252MPFD18A-133TQI Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A-133TQIN ALSC-AS7C252MPFD18A-133TQIN Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
More results

Similar Description - AS7C252MPFS18A-133TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C251MPFS18A ALSC-AS7C251MPFS18A Datasheet
509Kb / 19P
   2.5V 1M x 18 pipelined burst synchronous SRAM
AS7C251MPFD18A ALSC-AS7C251MPFD18A Datasheet
509Kb / 19P
   2.5V 1M x 18 pipelined burst synchronous SRAM
AS7C252MNTD18A ALSC-AS7C252MNTD18A Datasheet
436Kb / 18P
   2.5V 2M x 18 Pipelined SRAM with NTD
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com