Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5740 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE5740
Description  POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5740 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE5740 Datasheet HTML 1Page - ON Semiconductor MJE5740 Datasheet HTML 2Page - ON Semiconductor MJE5740 Datasheet HTML 3Page - ON Semiconductor MJE5740 Datasheet HTML 4Page - ON Semiconductor MJE5740 Datasheet HTML 5Page - ON Semiconductor MJE5740 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
NPN Silicon Power
Darlington Transistors
The MJE5740, 41, 42 Darlington transistors are designed for high–voltage power
switching in inductive circuits. They are particularly suited for operation in applications
such as:
• Small Engine Ignition
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
MAXIMUM RATINGS
Rating
Symbol
MJE5740
MJE5741
MJE5742
Unit
Collector–Emitter Voltage
VCEO(sus)
300
350
400
Vdc
Collector–Emitter Voltage
VCEV
600
700
800
Vdc
Emitter Base Voltage
VEB
8
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
8
16
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
2.5
5
Adc
Total Power Dissipation
@ TA = 25_C
Derate above 25
_C
PD
2
16
Watts
mW/
_C
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
80
640
Watts
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle = 10%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.56
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (2)
Collector–Emitter Sustaining Voltage
MJE5740
(IC = 50 mA, IB = 0)
MJE5741
MJE5742
VCEO(sus)
300
350
400
Vdc
Collector Cutoff Current (VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 100_C)
ICEV
1
5
mAdc
Emitter Cutoff Current (VEB = 8 Vdc, IC = 0)
IEBO
75
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 6
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 7
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%.
(continued)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE5740/D
© Motorola, Inc. 1995
MJE5740
MJE5741
MJE5742
POWER DARLINGTON
TRANSISTORS
8 AMPERES
300, 350, 400 VOLTS
80 WATTS
*Motorola Preferred Device
≈ 100
≈ 50
*
*
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - MJE5740

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5740 NJSEMI-MJE5740 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740 Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740G ONSEMI-MJE5740G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results

Similar Description - MJE5740

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJD6039 ONSEMI-MJD6039_12 Datasheet
188Kb / 5P
   Darlington Power Transistors
February, 2012 ??Rev. 9
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com