Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT-511EWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELT-511EWA
Description  Technical Data Sheet 0.56inch Triple Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELT-511EWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELT-511EWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT-511EWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT-511EWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT-511EWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT-511EWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.56" Triple Digit Displays
ELT-511EWA
Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
100
mW
Peak Forward Current(Duty 1/10
@ 1KHZ)
IF(Peak)
160
mA
Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
1.05
2.30
----
0.3
0.6
----
IF=10mA
Peak Wavelength
λp
----
635
----
nm
IF=20mA
Dominant Wavelength
λd
----
625
----
nm
IF=20mA
Spectrum Radiation
Bandwidth
λ
----
45
----
nm
IF=20mA
Forward Voltage
VF
1.7
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
10
µA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 3
Page: 3 of 5
Device Number :CDDT-511-008
Prepared date:2004/06/30
Prepared by: Yanfang Gao
IF=10mA
Luminous
Per segment
Iv
mcd
Intensity
Per decimal point
mcd


Similar Part No. - ELT-511EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT-511SURWA EVERLIGHT-ELT-511SURWA Datasheet
127Kb / 7P
   0.56 Triple Digit Displays
ELT-511SURWA-S530-A3 EVERLIGHT-ELT-511SURWA-S530-A3 Datasheet
149Kb / 5P
   0.56" Triple Digit Displays
ELT-511SURWA/S530-A3 EVERLIGHT-ELT-511SURWA/S530-A3 Datasheet
127Kb / 7P
   0.56 Triple Digit Displays
ELT-511SYGWA EVERLIGHT-ELT-511SYGWA Datasheet
116Kb / 6P
   0.56 Triple Digit Displays
ELT-511SYGWA-S530-E2 EVERLIGHT-ELT-511SYGWA-S530-E2 Datasheet
88Kb / 6P
   0.56" TRIPLE DIGIT DISPLAYS
More results

Similar Description - ELT-511EWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-511EWA EVERLIGHT-ELD-511EWA Datasheet
196Kb / 5P
   Technical Data Sheet 0.56inch Dual Digit Displays
ELT-316GWB EVERLIGHT-ELT-316GWB Datasheet
176Kb / 5P
   Technical Data Sheet 0.36 Triple Digit Displays
ELT-512EWA EVERLIGHT-ELT-512EWA Datasheet
153Kb / 5P
   Technical Data Sheet 0.56 inch Triple Digit Displays
ELD-426SURWA EVERLIGHT-ELD-426SURWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
S2325SYGWA-S530-E2 EVERLIGHT-S2325SYGWA-S530-E2 Datasheet
124Kb / 6P
   Technical Data Sheet 2.3" Single Digit Displays
ELD-425SURWB EVERLIGHT-ELD-425SURWB Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426GWA EVERLIGHT-ELD-426GWA Datasheet
124Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
ELD-426SURWB EVERLIGHT-ELD-426SURWB Datasheet
123Kb / 5P
   Technical Data Sheet 0.4 Dual Digit Displays
S816USOWA-S530-A3 EVERLIGHT-S816USOWA-S530-A3 Datasheet
125Kb / 6P
   Technical Data Sheet 0.8" Single Digit Displays
S1005SURWA-S530-A3 EVERLIGHT-S1005SURWA-S530-A3 Datasheet
123Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com