Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3513B-20TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C3513B-20TC
Description  3.3V 32K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513B-20TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C3513B-20TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513B-20TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C3513B
3/24/04, v.1.2
Alliance Semiconductor
P. 3 of 10
Recommended operating conditions
VIL = -1.0V for pulse width less than 5ns
VIH = VCC + 1.5V for pulse width less than 5ns
DC operating characteristics (over the operating range)1
Capacitance (f = 1MHz, Ta = 25
o C, V
CC = NOMINAL)
2
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
Input voltage
VIH
2.0
VCC + 0.5
VIL
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0
70
° C
industrial
TA
–40
85
° C
Parameter
Sym
Test conditions
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage
current
| ILI |
VCC = Max
VIN = GND to VCC
–1
1
–1
1
µA
Output leakage
current
| ILO |
VCC = Max
VOUT = GND to VCC
–1
1
–1
1
µA
Operating
power supply
current
ICC
VCC = Max, CE ≤ VIL
f = fMax , IOUT = 0mA
–80
75
–70
65
mA
Standby power
supply current
ISB
VCC = Max, CE ≥ VIH
f = fMax
–30
25
–20
20
mA
ISB1
VCC = Max, CE ≥ VCC–0.2V
VIN ≤ 0.2V or VIN ≥ VCC –0.2V,
f = 0
–5
5
–5
5
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
2.4
2.4
2.4
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
Vin = 0V
5
pF
I/O capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF


Similar Part No. - AS7C3513B-20TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12 ALSC-AS7C3513-12 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12JC ALSC-AS7C3513-12JC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C3513-12TC ALSC-AS7C3513-12TC Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
More results

Similar Description - AS7C3513B-20TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C513C ALSC-AS7C513C Datasheet
136Kb / 9P
   5 V 32K X 16 CMOS SRAM
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com