Electronic Components Datasheet Search |
|
AS7C3513B-20TC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation |
|
AS7C3513B-20TC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation |
7 / 10 page ® AS7C3513B 3/24/04, v.1.2 Alliance Semiconductor P. 7 of 10 AC test conditions Notes 1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification. 2 This parameter is sampled, but not 100% tested. 3 For test conditions, see AC Test Conditions, Figures A and B. 4 These parameters are specified with CL = 5pF, as in Figure B. Transition is measured ±500mV from steady-state voltage. 5 This parameter is guaranteed, but not 100% tested. 6WE is High for read cycle. 7CE and OE are Low for read cycle. 8 Address valid prior to or coincident with CE transition Low. 9 All read cycle timings are referenced from the last valid address to the first transitioning address. 10 Not applicable. 11 All write cycle timings are referenced from the last valid address to the first transitioning address. 12 Not applicable. 13 C=30pF, except on High Z and Low Z parameters, where C=5pF. 350 Ω C13 320 Ω Dout GND +3.3V Figure B: 3.3V Output load - Output load: see Figure B. - Input pulse level: GND to 3.0V. See Figure A. - Input rise and fall times: 2 ns. See Figure A. - Input and output timing reference levels: 1.5V. 168 Ω Thevenin equivalent: Dout +1.728V 10% 90% 10% 90% GND +3.0V Figure A: Input pulse 2 ns |
Similar Part No. - AS7C3513B-20TC |
|
Similar Description - AS7C3513B-20TC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |