Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C25512NTD36A-133TQIN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C25512NTD36A-133TQIN
Description  2.5V 512K x 32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512NTD36A-133TQIN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C25512NTD36A-133TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C25512NTD36A-133TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
®
AS7C25512NTD32A/36A
12/23/04, v 2.2
Alliance Semiconductor
P. 9 of 18
Timing characteristics over operating range
Snooze Mode Electrical Characteristics
Parameter
Sym
166
133
Unit
Notes1
1 See “Notes” on page 15
Min
Max
Min
Max
Clock frequency
FMAX
166
133
MHz
Cycle time
tCYC
6
7.5
ns
Clock access time
tCD
–3.5
–3.8
ns
Output enable low to data valid
tOE
–3.5
–3.8
ns
Clock high to output low Z
tLZC
0–0–
ns
2,3,4
Data output invalid from clock high
tOH
1.5
1.5
ns
2
Output enable low to output low Z
tLZOE
0–0–
ns
2,3,4
Output enable high to output high Z
tHZOE
3.5
3.8
ns
2,3,4
Clock high to output high Z
tHZC
3.5
3.8
ns
2,3,4
Output enable high to invalid output
tOHOE
0–0–
ns
Clock high pulse width
tCH
2.4
2.4
ns
5
Clock low pulse width
tCL
2.3
2.4
ns
5
Address and Control setup to clock high
tAS
1.5
1.5
ns
6
Data setup to clock high
tDS
1.5
1.5
ns
6
Write setup to clock high
tWS
1.5
1.5
ns
6, 7
Chip select setup to clock high
tCSS
1.5
1.5
ns
6, 8
Address hold from clock high
tAH
0.5
0.5
ns
6
Data hold from clock high
tDH
0.5
0.5
ns
6
Write hold from clock high
tWH
0.5
0.5
ns
6, 7
Chip select hold from clock high
tCSH
0.5
0.5
ns
6, 8
Clock enable setup to clock high
tCENS
1.5
1.5
ns
6
Clock enable hold from clock high
tCENH
0.5
0.5
ns
6
ADV setup to clock high
tADVS
1.5
1.5
ns
6
ADV hold from clock high
tADVH
0.5
0.5
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
40
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0cycle


Similar Part No. - AS7C25512NTD36A-133TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A-10TQC ALSC-AS7C25512NTF32A-10TQC Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A-10TQCN ALSC-AS7C25512NTF32A-10TQCN Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A-10TQI ALSC-AS7C25512NTF32A-10TQI Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A-10TQIN ALSC-AS7C25512NTF32A-10TQIN Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results

Similar Description - AS7C25512NTD36A-133TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C252MNTD18A ALSC-AS7C252MNTD18A Datasheet
436Kb / 18P
   2.5V 2M x 18 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com