Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA10-48-15S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA10-48-15S
Description  10 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA10-48-15S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA10-48-15S Datasheet HTML 1Page - List of Unclassifed Manufacturers SA10-48-15S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encapsulated DC-DC Converter
SA10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SA10-48-3.3S
SA10-48-5S
SA10-48-12S
SA10-48-15S
SA10-48-24S
Max. output wattage (W)
8.25W
10W
10W
10W
10W
Input voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output voltage (V.DC.)
3.3V / 2500mA
5V / 2000mA
12V / 833mA
15V / 666mA
24V / 416mA
Model No.
SA10-48-3.3S
SA10-48-5S
SA10-48-12S
SA10-48-15S
SA10-48-24S
Max output wattage (W)
8.25W
10W
10W
10W
10W
Input
Input filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage accuracy
±2%
±2%
±2%
±2%
±2%
Current (mA) max
2500
2000
833
666
416
Line regulation (HL-LL) (typ.)
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
Load regulation (10-100%) (typ.)
±1%
±1%
±1%
±1%
±1%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
77%
79%
82%
82%
83%
Output
Switching frequency
125KHz
125KHz
125KHz
125KHz
125KHz
Over current protection
Works over 120% of rating and recovers automatically.
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
9 ohms
Isolation
Capacitance
1000 pF
Operating temperature
-25°C…+71°C
Storage temperature
-55°C…+105°C
Case temperature
+95°C max.
Temperature coefficient
±0.02% Per°C
Humidity
95%RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.0 x 0.55 Inches (50.8 x 25.4x 14 mm)
Case Material
Six-side shielded Aluminum with Non-Conductive base
Weight
25 g
Physical
Cooling method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Modules for PCB Mounting
Regulated Output
Low Ripple and Noise
2-Year Product Warranty


Similar Part No. - SA10-48-15S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA10-11CGKWA KINGBRIGHT-SA10-11CGKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11EWA KINGBRIGHT-SA10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11GWA KINGBRIGHT-SA10-11GWA Datasheet
217Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SRWA KINGBRIGHT-SA10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SURKWA KINGBRIGHT-SA10-11SURKWA Datasheet
371Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA10-48-15S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
   10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
   10 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
   10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
   10 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
   5/10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
AA10U ASTEC-AA10U Datasheet
322Kb / 2P
   10 Watts AA10U
logo
XP Power Limited
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
   10 Watts JCH Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com