Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63700 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63700
Description  DC-DC INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63700 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS63700 Datasheet HTML 7Page - Texas Instruments TPS63700 Datasheet HTML 8Page - Texas Instruments TPS63700 Datasheet HTML 9Page - Texas Instruments TPS63700 Datasheet HTML 10Page - Texas Instruments TPS63700 Datasheet HTML 11Page - Texas Instruments TPS63700 Datasheet HTML 12Page - Texas Instruments TPS63700 Datasheet HTML 13Page - Texas Instruments TPS63700 Datasheet HTML 14Page - Texas Instruments TPS63700 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
Power Conversion
Control
Enable
Load Disconnect
Soft Start
Output Overvoltage Protection
TPS63700
SLVS530 – SEPTEMBER 2005
The TPS63700 is a dc-dc converter for negative output voltages using buck-boost topology. It operates with an
input voltage range of 2.7 V to 5.5 V and generates a negative output voltage down to –15 V. The output is
controlled by a fixed-frequency, pulse-width-modulated (PWM) regulator. In normal operation mode, the
converter operates at continuous conduction mode (CCM). At light loads it can enter discontinuous conduction
mode (DCM).
The converter operates in a fixed-frequency, pulse-width-modulated control scheme. So, the on-time of the
switches varies depending on input-to-output voltage ratio and the load. During this on-time, the inductor
connected to the converter is charged with current. In the remaining time, the time period set by the fixed
operating frequency, the inductor discharges into the output capacitor via the rectifier diode. Usually, at higher
loads the inductor current is continuous. During light load, the inductor current of this converter can become
discontinuous. In this case, the control circuit of the controller output automatically takes care of these changing
conditions to always operate with an optimum control setup.
The controller circuit of the converter is based on a fixed-frequency, multiple-feedforward controller topology.
Input voltage, output voltage, and voltage drop across the switch are monitored and forwarded to the regulator.
Changes in the operating conditions of the converter directly affect the duty cycle.
The error amplifier compares the voltage on FB pin with GND to generate an accurate and stable output voltage.
The error amplifier is internally compensated. At light loads, the converter operates in discontinuous conduction
mode (DCM).
If the load will be further decreased, the energy transmitted to the output capacitor can't be absorbed by the load
and would lead to an increase of the output voltage. In this case, the converter limits the output voltage increase
by skipping switch pulses.
Applying GND signal at the EN pin disables the converter, where all internal circuitry is turned off. The device
now just consumes low shutdown current flowing into the VIN pin. The output load of the converter is also
disconnected from the battery as described in the following paragraph. Pulling the EN pin to VIN enables the
converter. Internal circuitry, necessary to operate the converter, is then turned on.
The device supports complete load disconnection when the converter is disabled. The converter turns off the
internal PMOS switch, thus no DC current path remains between load and input voltage source.
The converter has a soft-start function. When the converter is enabled, the implemented switch current limit
ramps up slowly to its nominal value. Soft start is implemented to limit the input current during start-up to avoid
high peak currents at the battery which could interfere with other systems connected to the same battery.
Without soft start, uncontrolled input peak currents flow to charge up the output capacitors and to supply the load
during start-up. This would cause significant voltage drops across the series resistance of the battery and its
connections.
The converter has an implemented output overvoltage protection. The output voltage is limited to –19 V in case
the feedback connection from the output to the FB pin is open.
11


Similar Part No. - TPS63700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
More results

Similar Description - TPS63700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
   DC-AC Inverter
6/13/2017
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
   DC/AC INVERTER
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com