Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1024B-20TIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-20TIN
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-20TIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C1024B-20TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 2 of 9
®
Functional description
The AS7C1024B is a high performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 131,072 words x 8
bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5/6/7/8 ns are ideal for high
performance applications. Active high and low chip enables (CE1, CE2) permit easy memory expansion with multiple-bank systems.
When CE1 is high or CE2 is low, the devices enter standby mode. If inputs are still toggling, the device will consume ISB power. If the bus is
static, then full standby power is reached (ISB1). For example, the AS7C1024B is guaranteed not to exceed 55 mW under nominal full standby
conditions.
A write cycle is accomplished by asserting write enable (WE) and both chip enables (CE1, CE2). Data on the input pins I/O0 through I/O7 is
written on the rising edge of WE (write cycle 1) or the active-to-inactive edge of CE1 or CE2 (write cycle 2). To avoid bus contention, external
devices should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and both chip enables (CE1, CE2), with write enable (WE) high. The chips drive I/
O pins with the data word referenced by the input address. When either chip enable is inactive, output enable is inactive, or write enable is active,
output drivers stay in high-impedance mode.
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Key: X = don’t care, L = low, H = high
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.50
+7.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC +0.50
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
°C
Ambient temperature with VCC applied
Tbias
–55
+125
°C
DC current into outputs (low)
IOUT
–20
mA
Truth table
CE1
CE2
WE
OE
Data
Mode
H
X
X
X
High Z
Standby (ISB, ISB1)
X
L
X
X
High Z
Standby (ISB, ISB1)
L
H
H
H
High Z
Output disable (ICC)
LH
HL
DOUT
Read (ICC)
LHL
X
DIN
Write (ICC)


Similar Part No. - AS7C1024B-20TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-20TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com