Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1024B-20TIN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-20TIN
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-20TIN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1024B-20TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-20TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 5 of 9
®
Write waveform 1 (WE controlled)10,11,12
Write cycle (over the operating range)11, 12
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min Max Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
-
12
15
20
ns
Chip enable (CE1) to write end
tCW1
8
-
9
10
12
ns
12
Chip enable (CE2) to write end
tCW2
8
-
9
10
12
ns
12
Address setup to write end
tAW
8
-
9
10
12
ns
Address setup time
tAS
00
0
0
ns
12
Write pulse width
tWP
78
9
12
ns
Write recovery time
tWR
0-0
0
0
ns
Address hold from end of write
tAH
0-0
0
0
ns
Data valid to write end
tDW
56
8
10
ns
Data hold time
tDH
00
0
0
ns
4, 5
Write enable to output in high Z
tWZ
-
5
6
7
8
ns
4, 5
Output active from write end
tOW
1
-
1
1
2
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR


Similar Part No. - AS7C1024B-20TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-20TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com