Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUCH16244DGGRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AUCH16244DGGRE4
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AUCH16244DGGRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74AUCH16244DGGRE4 Datasheet HTML 1Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 2Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74AUCH16244
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES391E – MARCH 2002 – REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
VCC = 0.8 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 1.3 V
15
ns/V
VCC = 1.6 V, 1.95 V, and 2.7 V
10
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - 74AUCH16244DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AUC16374DGGRE4 TI-74AUC16374DGGRE4 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AUC16374DGGRG4 TI1-74AUC16374DGGRG4 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AUC16374DGVRE4 TI-74AUC16374DGVRE4 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
More results

Similar Description - 74AUCH16244DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com